Electronic Components Datasheet Search
  English  ▼

X  

P593 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P593
Description  500 kHz Common Mode EMI Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P593 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P593 Datasheet HTML 1Page - Pulse A Technitrol Company P593 Datasheet HTML 2Page - Pulse A Technitrol Company P593 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P593.D (12/15)
1
pulseelectronics.com
500 kHz Common Mode
EMI Inductors
Common mode EMI Inductors
Designed for higher frequency power conversion
For use in SMPS input filtering circuit
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Rated RMS
Current
(A. Normal)
Inductance
mH
(
±30%)
DCR
(
Ω MAX)
Case
Style
Leakage
Inductance
(MIN/MAX
µH)
PE-96161NL
0.5
33
1.40
3
160/320
PE-96166NL
1.0
5.6
0.30
3
30/60
PE-96173NL
3.15
5.6
0.10
1
40/80
PE-96175NL
3.15
3.3
0.07
3
15/35
PE-96177NL
3.15
2.2
0.06
3
10/20
PE-96178NL
3.15
1.2
0.04
3
6/15
PE-96179NL
3.15
1.2
0.04
4
5/14
PE-96181NL
5.0
3.9
0.06
1
25/60
PE-96186NL
6.3
2.7
0.04
1
20/45
PE-96187NL
8.0
3.3
0.033
2
20/45
PE-96188NL
10.0
1.8
0.02
2
10/25
PE-96190NL
15.0
1.0
0.01
2
7/15
Notes:
1. Leads have
diameter.
2. Self-leaded:
96187 has .036 nom. diameter leads.
96188 & 96189 have .045 nom. diameter leads.
96190 has .051 nom. diameter leads.
.031/.039
.700/.900


Similar Part No. - P593

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P5934 TEKTRONIX-P5934 Datasheet
410Kb / 6P
Tektronix Logic Analyzer Probes
More results

Similar Description - P593

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7101 ETC1-7101 Datasheet
36Kb / 1P
Common Mode EMI Inductors
PE-96161 ETC1-PE-96161 Datasheet
79Kb / 1P
500 kHz COMMON MODE EMI INDUCTORS
logo
Rhombus Industries Inc.
L-20489 RHOMBUS-IND-L-20489 Datasheet
17Kb / 1P
500 KHz COMMON MODE EMI INDUCTOR
7/29/00
L-20490 RHOMBUS-IND-L-20490 Datasheet
19Kb / 1P
500 KHz COMMON MODE EMI INDUCTOR
7/29/00
L-20491 RHOMBUS-IND-L-20491 Datasheet
18Kb / 1P
500 KHz COMMON MODE EMI INDUCTOR
02/06/01
L-20496 RHOMBUS-IND-L-20496 Datasheet
17Kb / 1P
500 KHz COMMON MODE EMI INDUCTOR
7/29/00
logo
Datatronic Distribution...
PT22001 DATATRONICS-PT22001 Datasheet
97Kb / 1P
Common Mode EMI Suppression Inductors
logo
Bourns Electronic Solut...
7355-H-RC BOURNS-7355-H-RC Datasheet
88Kb / 1P
Common Mode Inductors/EMI Filters
logo
Pulse A Technitrol Comp...
PE-96178 PULSE-PE-96178 Datasheet
86Kb / 2P
500 kHz COMMON MODE EMI INDUCTORS
PE-62916NL PULSE-PE-62916NL Datasheet
63Kb / 1P
COMMON MODE EMI SUPPRESSION INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com