Electronic Components Datasheet Search
  English  ▼

X  

P593 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # P593
Description  500 kHz Common Mode EMI Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P593 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  P593 Datasheet HTML 1Page - Pulse A Technitrol Company P593 Datasheet HTML 2Page - Pulse A Technitrol Company P593 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P593.D (12/15)
2
pulseelectronics.com
500 kHz Common Mode
EMI Inductors
CASE 1
CASE 3
CASE 2
CASE 4
Mechanicals
1
1
2
1
3
4
2
PIN 1
LEVEL OF
ENCAPSULANT
4
3
1
2
1.34
34,04
.720
18,29
(MAX)
1.30
33,00
(MAX)
.900 ± .008
22,86 ±0,20
.600 ± .008
15,20 ± 0,20
.158/.197
4,01/5,00
2
4
3
PIN 1
LEVEL OF
ENCAPSULANT
COIL
4
2
1
3
.650
16,51
(MAX)
.240/.270
6,10/6,86
1.07
27,18
(MAX)
1.00 ±.008
25,40 ±0,20
.750 ± .008
19,05 ± 0,20
1.10
28,00 (MAX)
3
4
2
PIN 1
LEVEL OF
ENCAPSULANT
4
3
1
2
1.70
43,18
(MAX)
.800 ± .008
20,30 ± 0,20
1.00 ± .008
25,40 ± 0,20
.197/.237
5,00/6,02
1.03
26,16
.039
0,99
3
4
2
PIN 1
LEVEL OF
ENCAPSULANT
4
3
1
2
.615
15,60
(MAX)
1.10
27,90
(MAX)
.910
23,10
(MAX)
.500 ±.008
12,70 ±0,20
.158/.197
4,00/5,00
.500 ± .008
12,70 ± 0,20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com