Electronic Components Datasheet Search
  English  ▼

X  

LMH6624 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6624
Description  Single/Dual Ultra Low Noise Wideband Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6624 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMH6624 Datasheet HTML 12Page - National Semiconductor (TI) LMH6624 Datasheet HTML 13Page - National Semiconductor (TI) LMH6624 Datasheet HTML 14Page - National Semiconductor (TI) LMH6624 Datasheet HTML 15Page - National Semiconductor (TI) LMH6624 Datasheet HTML 16Page - National Semiconductor (TI) LMH6624 Datasheet HTML 17Page - National Semiconductor (TI) LMH6624 Datasheet HTML 18Page - National Semiconductor (TI) LMH6624 Datasheet HTML 19Page - National Semiconductor (TI) LMH6624 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Application Section (Continued)
HIGH-GAIN SALLEN-KEY ACTIVE FILTERS
The LMH6624/LMH6626 are well suited for high gain Sallen-
Key type of active filters. Figure 12 shows the 2
nd order
Sallen-Key low pass filter topology. Using component predis-
tortion methods discussed in OA-21 enables the proper
selection of components for these high-frequency filters.
LOW NOISE MAGNETIC MEDIA EQUALIZER
The LMH6624/LMH6626 implement a high-performance low
noise equalizer for such application as magnetic tape chan-
nels as shown in Figure 13. The circuit combines an integra-
tor with a bandpass filter to produce the low noise equaliza-
tion. The circuit’s simulated frequency response is illustrated
in Figure 14.
LAYOUT CONSIDERATION
National Semiconductor suggests the copper patterns on the
evaluation boards listed below as a guide for high frequency
layout. These boards are also useful as an aid in device
testing and characterization. As is the case with all high-
speed amplifiers, accepted-practice RF design technique on
the PCB layout is mandatory. Generally, a good high fre-
quency layout exhibits a separation of power supply and
ground traces from the inverting input and output pins. Para-
sitic capacitances between these nodes and ground may
cause frequency response peaking and possible circuit os-
cillations (see Application Note OA-15 for more information).
Use high quality chip capacitors with values in the range of
1000pF to 0.1F for power supply bypassing. One terminal of
each chip capacitor is connected to the ground plane and the
other terminal is connected to a point that is as close as
possible to each supply pin as allowed by the manufacturer’s
design rules. In addition, connect a tantalum capacitor with a
value between 4.7µF and 10µF in parallel with the chip
capacitor. Signal lines connecting the feedback and gain
resistors should be as short as possible to minimize induc-
tance and microstrip line effect. Place input and output ter-
mination resistors as close as possible to the input/output
pins. Traces greater than 1 inch in length should be imped-
ance matched to the corresponding load termination.
20058929
FIGURE 11. Low Noise Integrator
20058930
FIGURE 12. Sallen-Key Active Filter Topology
20058931
FIGURE 13. Noise Magnetic Media Equalizer
20058932
FIGURE 14. Equalizer Frequency Response
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com