Electronic Components Datasheet Search
  English  ▼

X  

LMH6624 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6624
Description  Single/Dual Ultra Low Noise Wideband Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6624 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMH6624 Datasheet HTML 12Page - National Semiconductor (TI) LMH6624 Datasheet HTML 13Page - National Semiconductor (TI) LMH6624 Datasheet HTML 14Page - National Semiconductor (TI) LMH6624 Datasheet HTML 15Page - National Semiconductor (TI) LMH6624 Datasheet HTML 16Page - National Semiconductor (TI) LMH6624 Datasheet HTML 17Page - National Semiconductor (TI) LMH6624 Datasheet HTML 18Page - National Semiconductor (TI) LMH6624 Datasheet HTML 19Page - National Semiconductor (TI) LMH6624 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Application Section (Continued)
Symmetry between the positive and negative paths in the
layout of differential circuitry should be maintained to mini-
mize the imbalance of amplitude and phase of the differential
signal.
These free evaluation boards are shipped when a device
sample request is placed with National Semiconductor.
Component value selection is another important parameter
in working with high speed/high performance amplifiers.
Choosing external resistors that are large in value compared
to the value of other critical components will affect the closed
loop behavior of the stage because of the interaction of
these resistors with parasitic capacitances. These parasitic
capacitors could either be inherent to the device or be a
by-product of the board layout and component placement.
Moreover, a large resistor will also add more thermal noise to
the signal path. Either way, keeping the resistor values low
will diminish this interaction. On the other hand, choosing
very low value resistors could load down nodes and will
contribute to higher overall power dissipation and high dis-
tortion.
Device
Package
Evaluation Board Part
Number
LMH6624MF
SOT23–5
CLC730216
LMH6624MA
SOIC-8
CLC730227
LMH6626MA
SOIC-8
CLC730036
LMH6626MM
MSOP-8
CLC730123
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com