Electronic Components Datasheet Search
  English  ▼

X  

CFS60383P Datasheet(PDF) 3 Page - Laird Tech Smart Technology

Part # CFS60383P
Description  Low profile aesthetically neutral housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CFS60383P Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  CFS60383P Datasheet HTML 1Page - Laird Tech Smart Technology CFS60383P Datasheet HTML 2Page - Laird Tech Smart Technology CFS60383P Datasheet HTML 3Page - Laird Tech Smart Technology CFS60383P Datasheet HTML 4Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RADIATION PATTERNS
1850 MHz
1990 MHz
2170 MHz
2500 MHz
2700 MHz
CFS60383P
600- 960 MHz/1350- 1550 MHz/1690- 2700 MHz/3300- 3800 MHz
Low Profile / Low PIM Ceiling Mount Antenna



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com