Electronic Components Datasheet Search
  English  ▼

X  

CFS60383P Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CFS60383P
Description  Low profile aesthetically neutral housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CFS60383P Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CFS60383P Datasheet HTML 1Page - Laird Tech Smart Technology CFS60383P Datasheet HTML 2Page - Laird Tech Smart Technology CFS60383P Datasheet HTML 3Page - Laird Tech Smart Technology CFS60383P Datasheet HTML 4Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CFS60383P
600- 960 MHz/1350- 1550 MHz/1690- 2700 MHz/3300- 3800 MHz
Low Profile / Low PIM Ceiling Mount Antenna
MULTI-BAND LOW PIM CEILING MOUNTED OMNIDIRECTIONAL ANTENNA
The CFS60383P is a Low PIM indoor wideband omnidirectional low profile ceiling mount antenna. It is
designed to provide pattern coverage that is optimized for indoor coverage requirements at 600-960 MHz, and
1690-3800 MHz for the GSM, DCS, UMTS, AWS-3, WCS and LTE/WiMAX frequency bands. The CFS60383P is
applicable for environments where aesthetics and wide angle coverage are necessary for successful wireless
deployment. The surprisingly small size and extreme low profile enables maximum mounting flexibility while
mainaining desired in-building aesthetics.
FEATURES
APPLICATIONS
Low profile aesthetically neutral housing
Mounts directly and easily to ceiling tile
Performance optimized using Laird proprietary RF
optimization tools
Supports AWS-3, WCS Frequency Bands
PARAMETER
Model
Frequency Bands, MHz
Peak Gain, dBi (Avg)
Peak Gain, dBi (Max)
VSWR, Typ
VSWR, Max
PIM, 3rd Order,
2x20 W (Typ)
PIM, 3rd Order,
2x20 W (Max)
Nominal Impedance
Polarization
Azimuth 3 dB Beamwidth
Max Power (Ambient 25°C)
Antenna Dimension
(W x L x H)
Weight (w/o mounting kit)
Antenna Color
Radome
Operating Temperature
Storage Temperature
Material Stubstance
Compliance
Americas: +1.847 839.6925
IAS-AmericasSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia:
IAS-AsiaSales@lairdtech.com
Middle East & Affrica: +44.1628.858941
IAS-MEASales@lairdtech.com
www.lairdtech.com
Small Cells
• iDAS
• Meeting Rooms • Libraries
• Offices
• Retail Malls
• Hotels
• Bus Terminals & Train Stations
• Museums
• Other In-Building Areas
SPECIFICATIONS
CFS60383P
600-698
698-806
824-894
880-960
1350-1550
1690-1880
1850-1990
1910-2180
2300-2500
2500-2700
3300-3800
2.9
3.3
3.5
4.6
4.1
3.9
3.8
4.6
5.8
6.8
4.1
3.5
3.6
3.6
5.4
5.2
4.4
4.1
5.3
6.3
7.1
4.4
<1.8:1
<1.5:1
<1.6:1
<1.6:1
<1.7:1
<1.8:1
<1.4:1
<1.4:1
<1.5:1
<1.4:1
<1.7:1
<1.8:1
<1.8:1
<1.8:1
<1.8:1
<1.8:1
<1.8:1
<1.8:1
<1.8:1
<1.8:1
<1.8:1
<2.0:1
<-156 dBc
<-150 dBc
50Ω
Horizontal
360°
50 Watts
117.2 x 180.3 x 7.6 mm (4.6” x 7.1” x 0.3”)
197 g/0.44 lbs (181 g/0.4 lbs)
White
PC , UL94-V0 Material
-30°C to +70°C
-40°C to +85°C
RoHS
PART NUMBER
CABLE LENGTH
CONNECTOR
CFS60383P-30NF
30 cm (12”)
Type N- female
CFS60383P-30D43F
30 cm (12”)
4.3-10 female
CONFIGURATION
<-157 dBc
<-150 dBc
Patent Pending CFS60383P


Similar Part No. - CFS60383P

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CFS600A SCHNEIDER-CFS600A Datasheet
90Kb / 1P
Coriolis flowmeter with premium performance and ideal for extreme process conditions. Available with SIL2
Apr 26, 2022
More results

Similar Description - CFS60383P

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CMS69273P LSTD-CMS69273P Datasheet
398Kb / 3P
Low Profile aesthetically neutral housing
SL80173WP LSTD-SL80173WP Datasheet
401Kb / 1P
Neutral color and dimunuitive profile
CMM24513S4 LSTD-CMM24513S4 Datasheet
302Kb / 3P
Low profile aesthetically neutral housing
LPS69273NT LSTD-LPS69273NT Datasheet
830Kb / 5P
Low Profile aesthetically neutral housing
CFSA69383P LSTD-CFSA69383P Datasheet
2Mb / 3P
Ultra Low profile aesthetically neutral housing
SQ24493P LSTD-SQ24493P Datasheet
722Kb / 1P
Neutral color and diminutive profile
LPS69223NT LSTD-LPS69223NT Datasheet
1Mb / 5P
Low Profile aesthetically neutral housing
CMQ23496-0815 LSTD-CMQ23496-0815 Datasheet
1Mb / 4P
Low Profile aesthetically neutral housing
CMQ69273P LSTD-CMQ69273P Datasheet
1Mb / 5P
Low Profile aesthetically neutral housing
SL6927PTL LSTD-SL6927PTL Datasheet
811Kb / 2P
Low profile aesthetically neutral housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com