Electronic Components Datasheet Search
  English  ▼

X  

LMH6682 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6682
Description  190MHz Single Supply, Dual and Triple Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6682 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6682 Datasheet HTML 1Page - National Semiconductor (TI) LMH6682 Datasheet HTML 2Page - National Semiconductor (TI) LMH6682 Datasheet HTML 3Page - National Semiconductor (TI) LMH6682 Datasheet HTML 4Page - National Semiconductor (TI) LMH6682 Datasheet HTML 5Page - National Semiconductor (TI) LMH6682 Datasheet HTML 6Page - National Semiconductor (TI) LMH6682 Datasheet HTML 7Page - National Semiconductor (TI) LMH6682 Datasheet HTML 8Page - National Semiconductor (TI) LMH6682 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = 0V, V
O =VCM =V
+/2, and R
L = 100
Ω to V+/2,
R
F = 510
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
Miscellaneous Performance
V
O
Output Swing
High
R
L =2k
Ω to V+/2
4.10
3.8
4.25
V
R
L = 150
Ω to V+/2
3.90
3.70
4.19
R
L =75
Ω to V+/2
3.75
3.50
4.15
Output Swing
Low
R
L =2k
Ω to V+/2
800
920
1100
mV
R
L = 150
Ω to V+/2
870
970
1200
R
L =75
Ω to V+/2
885
1100
1250
I
OUT
Output Current
V
O = 1V from either supply rail
±40
+80/−75
mA
I
SC
Output Short Circuit Current
(Note 5), (Note 6), (Note 10)
Sourcing to V
+/2
−100
−80
−155
mA
Sinking from V
+/2
100
80
220
R
IN
Common Mode Input
Resistance
3
M
Ω
C
IN
Common Mode Input
Capacitance
1.6
pF
R
OUT
Output Resistance Closed
Loop
f = 1kHz, A = +2, R
L =50
Ω
0.02
Ω
f = 1MHz, A = +2, R
L =50
Ω
0.12
±5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = −5V, V
O =VCM = 0V, and RL = 100
Ω to 0V,
R
F = 510
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
SSBW
−3dB BW
A = +2, V
OUT = 200mVPP
150
190
MHz
A = −1, V
OUT = 200mVPP
190
GFP
Gain Flatness Peaking
A = +2, V
OUT = 200mVPP
DC to 100MHz
1.7
dB
GFR
Gain Flatness Rolloff
A = +2, V
OUT = 200mVPP
DC to 100MHz
0.1
dB
LPD 1˚
1˚ Linear Phase Deviation
A = +2, V
OUT = 200mVPP, ±1˚
40
MHz
GF
0.1dB
0.1dB Gain Flatness
A = +2, ±0.1dB, V
OUT = 200mVPP
25
MHz
FPBW
Full Power −1dB Bandwidth
A = +2, V
OUT =2VPP
120
MHz
DG
Differential Gain
NTSC 3.58MHz
A = +2, R
L = 150
Ω to 0V
0.01
%
DP
Differential Phase
NTSC 3.58MHz
A = +2, R
L = 150
Ω to 0V
0.08
deg
Time Domain Response
T
r/Tf
Rise and Fall Time
20-80%, V
O =1VPP, A=+2
1.9
ns
20-80%, V
O =1VPP,A=−1
2
OS
Overshoot
A = +2, V
O = 100mVPP
19
%
T
s
Settling Time
V
O =2VPP, ±0.1%, A = +2
42
ns
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com