Electronic Components Datasheet Search
  English  ▼

X  

LMH6682 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6682
Description  190MHz Single Supply, Dual and Triple Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6682 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6682 Datasheet HTML 1Page - National Semiconductor (TI) LMH6682 Datasheet HTML 2Page - National Semiconductor (TI) LMH6682 Datasheet HTML 3Page - National Semiconductor (TI) LMH6682 Datasheet HTML 4Page - National Semiconductor (TI) LMH6682 Datasheet HTML 5Page - National Semiconductor (TI) LMH6682 Datasheet HTML 6Page - National Semiconductor (TI) LMH6682 Datasheet HTML 7Page - National Semiconductor (TI) LMH6682 Datasheet HTML 8Page - National Semiconductor (TI) LMH6682 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
±5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = −5V, V
O =VCM = 0V, and RL = 100
Ω to 0V,
R
F = 510
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
Time Domain Response
SR
Slew Rate (Note 11)
A = +2, V
OUT =6VPP
940
V/µs
A = −1, V
OUT =6VPP
900
Distortion and Noise Response
HD2
2
nd Harmonic Distortion
f = 5MHz, V
O =2VPP, A = +2, RL =
2k
Ω
−63
dBc
f = 5MHz, V
O =2VPP, A = +2, RL =
100
Ω
−66
HD3
3
rd Harmonic Distortion
f = 5MHz, V
O =2VPP, A = +2, RL =
2k
Ω
−82
dBc
f = 5MHz, V
O =2VPP, A = +2, RL =
100
Ω
−54
THD
Total Harmonic Distortion
f = 5MHz, V
O =2VPP, A = +2, RL =
2k
Ω
−63
dBc
f = 5MHz, V
O =2VPP, A = +2, RL =
100
Ω
−54
e
n
Input Referred Voltage Noise
f = 1kHz
18
nV/
f = 100kHz
12
i
n
Input Referred Current Noise
f = 1kHz
6
pA/
f = 100kHz
3
CT
Cross-Talk Rejection
(Amplifier)
f = 5MHz, A = +2, SND: R
L = 100
Ω
RCV: R
F =RG = 510
Ω
−78
dB
Static, DC Performance
A
VOL
Large Signal Voltage Gain
V
O = −3.75V to 3.75V,
R
L =2k
Ω to V+/2
87
100
dB
V
O = −3.5V to 3.5V,
R
L = 150
Ω to V+/2
80
90
V
O = −3V to 3V,
R
L =50
Ω to V+/2
75
85
CMVR
Input Common Mode Voltage
Range
CMRR
≥ 50dB
−5.2
−5.1
−5.5
V
3.0
2.8
3.3
V
OS
Input Offset Voltage
±1
±5
±7
mV
TC V
OS
Input Offset Voltage Average
Drift
(Note 12)
±2
µV/˚C
I
B
Input Bias Current
(Note 10)
−5
−20
−30
µA
TC
IB
Input Bias Current Drift
0.01
nA/˚C
I
OS
Input Offset Current
50
300
500
nA
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from −5V to 3.0V
75
84
dB
+PSRR
Positive Power Supply
Rejection Ratio
V
+ = 8.5V to 9.5V,
V
− = −1V
75
82
dB
−PSRR
Negative Power Supply
Rejection Ratio
V
− = −4.5V to −5.5V,
V
+ =5V
78
85
dB
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com