Electronic Components Datasheet Search
  English  ▼

X  

TST4 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # TST4
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

TST4 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  TST4 Datasheet HTML 1Page - Asahi Kasei Microsystems TST4 Datasheet HTML 2Page - Asahi Kasei Microsystems TST4 Datasheet HTML 3Page - Asahi Kasei Microsystems TST4 Datasheet HTML 4Page - Asahi Kasei Microsystems TST4 Datasheet HTML 5Page - Asahi Kasei Microsystems TST4 Datasheet HTML 6Page - Asahi Kasei Microsystems TST4 Datasheet HTML 7Page - Asahi Kasei Microsystems TST4 Datasheet HTML 8Page - Asahi Kasei Microsystems TST4 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 3 -
PIN/FUNCTION
No.
Pin Name
I/O
FUNCTION
1
AINR+
I
Right channel analog positive input pin
2
AINR-
I
Right channel analog negative input pin
3
VREF
O
Voltage Reference output pin
(VA-2.6V)
Normally connected to VA with a 0.1uF ceramic capacitor in
parallel with a 10uF electrolytic capacitor.
4
VA
-
Analog section Analog Power Supply, +5V
5
AGND
-
Analog section Analog Ground
6
AINL+
I
Left channel analog positive input pin
7
AINL-
I
Left channel analog negative input pin
8
10
11
14
TST1
TST2
TST3
TST4
Test pin
(Pull-down pin)
Should be left floating.
9
HPFE
I
High Pass Filter Enable pin
(Pull-up pin)
"H": ON
"L": OFF
12
VD
-
Digital section Digital Power Supply pin, +5V
13
DGND
-
Digital section Digital Ground pin
16
PD
I
Power Down pin
"L" brings the device into power-down mode. Must be done
once after power-on.
17
MCLK
I
Master Clock input pin
CMODE="H" : 384fs
CMODE="L" : 256fs
18
SCLK
I/O
Serial Data Clock pin
Data is clocked out at the falling edge of SCLK.
Slave mode: 64fs clock is input usually.
Master mode: SCLK outputs a 64fs clock.
SCLK stays low during the power-down mode(PD="L").
19
LRCK
I/O
L/R Channel Clock Select pin
Slave mode: An fs clock is fed to this LRCK pin.
Master mode: LRCK output an fs clock.
LRCK goes "H" at SMODE2="L" and "L" at SMODE2="H"
during reset when SMODE1 "H".
20
FSYNC
I/O
Frame Synchronization Signal pin
Slave mode: When "H", data bits are clocked out on SDATA.
As I
2S slave mode ignores FSYNC, it should hold "L" or
"H".
Master mode: FSYNC outputs 2fs clock.
Stay low during the power-down mode(PD="L").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com