Electronic Components Datasheet Search
  English  ▼

X  

TST4 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # TST4
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

TST4 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  TST4 Datasheet HTML 1Page - Asahi Kasei Microsystems TST4 Datasheet HTML 2Page - Asahi Kasei Microsystems TST4 Datasheet HTML 3Page - Asahi Kasei Microsystems TST4 Datasheet HTML 4Page - Asahi Kasei Microsystems TST4 Datasheet HTML 5Page - Asahi Kasei Microsystems TST4 Datasheet HTML 6Page - Asahi Kasei Microsystems TST4 Datasheet HTML 7Page - Asahi Kasei Microsystems TST4 Datasheet HTML 8Page - Asahi Kasei Microsystems TST4 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 4 -
21
SDATA
O
Serial Data Output pin
Data are output with MSB first, in 2's complement format.
After 20 bits are output it turns to "L". It also remains "L" at a
power-down mode(PD="L").
22
CMODE
I
Master Clock Selection pin
"L": MCLK=256fs
"H": MCLK=384fs
23
15
SMODE1
SMODE2
I
I
Serial Interface Mode Select pin
Defines the directions of LRCK, SCLK and FSYNC pins and
Output Data Format. SMODE2 is pull-down pin.
SMODE1 SMODE2
MODE
LRCK
L
L
Slave mode: MSB justified
: H/L
H
L
Master mode: Similar to I
2S
: H/L
L
H
Slave mode: I
2S
: L/H
H
H
Master mode: I
2S
: L/H
24
VB
-
Substrate Power Supply, +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com