Electronic Components Datasheet Search
  English  ▼

X  

BU323Z Datasheet(PDF) 1 Page - ON Semiconductor

Part # BU323Z
Description  NPN Silicon Power Darlington
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU323Z Datasheet(HTML) 1 Page - ON Semiconductor

  BU323Z Datasheet HTML 1Page - ON Semiconductor BU323Z Datasheet HTML 2Page - ON Semiconductor BU323Z Datasheet HTML 3Page - ON Semiconductor BU323Z Datasheet HTML 4Page - ON Semiconductor BU323Z Datasheet HTML 5Page - ON Semiconductor BU323Z Datasheet HTML 6Page - ON Semiconductor BU323Z Datasheet HTML 7Page - ON Semiconductor BU323Z Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 16
1
Publication Order Number:
BU323Z/D
BU323Z
NPN Silicon Power
Darlington
High Voltage Autoprotected
The BU323Z is a planar, monolithic, high−voltage power
Darlington with a built−in active zener clamping circuit. This device is
specifically designed for unclamped, inductive applications such as
Electronic Ignition, Switching Regulators and Motor Control, and
exhibit the following main features:
Features
• Integrated High−Voltage Active Clamp
• Tight Clamping Voltage Window (350 V to 450 V) Guaranteed
Over the −40
°C to +125°C Temperature Range
• Clamping Energy Capability 100% Tested in a Live
Ignition Circuit
• High DC Current Gain/Low Saturation Voltages
Specified Over Full Temperature Range
• Design Guarantees Operation in SOA at All Times
• Offered in Plastic SOT−93/TO−218 Type or
TO−220 Packages
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Sustaining Voltage
VCEO
350
Vdc
Collector−Emitter Voltage
VEBO
6.0
Vdc
Collector Current
− Continuous
− Peak
IC
ICM
10
20
Adc
Base Current
− Continuous
− Peak
IB
IBM
3.0
6.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25_C
PD
150
1.0
W
W/_C
Operating and Storage Junction Temperature
Range
TJ, Tstg
–65 to
+175
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.0
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8″ from Case for 5 Seconds
TL
260
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOT−93
CASE 340D
STYLE 1
10 AMPERE DARLINGTON
AUTOPROTECTED
360 − 450 VOLTS CLAMP,
150 WATTS
http://onsemi.com
360 V
CLAMP
COLLECTOR 2,4
BASE
1
EMITTER 3
3
2
1
4
TO−247
CASE 340L
STYLE 3
NOTE: Effective June 2012 this device will
be available only in the TO−247
package. Reference FPCN# 16827.
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - BU323Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323Z MOTOROLA-BU323Z Datasheet
200Kb / 6P
AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z Datasheet
164Kb / 6P
AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS
1996 REV 8
BU323Z ONSEMI-BU323Z Datasheet
142Kb / 7P
NPN Silicon Power Darlington High Voltage Autoprotected
March, 2006 ??Rev. 12
BU323Z ONSEMI-BU323Z Datasheet
178Kb / 6P
NPN Silicon Power Darlington
October, 2009 ??Rev. 14
logo
Inchange Semiconductor ...
BU323Z ISC-BU323Z Datasheet
291Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - BU323Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
BUB323 ONSEMI-BUB323 Datasheet
118Kb / 12P
NPN Silicon Power Darlington
September, 2001 ??Rev. 0
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z_09 Datasheet
178Kb / 6P
NPN Silicon Power Darlington
October, 2009 ??Rev. 14
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD2560 ISC-2SD2560 Datasheet
137Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
Savantic, Inc.
2SD2386 SAVANTIC-2SD2386 Datasheet
127Kb / 3P
Silicon NPN Darlington Power Transistors
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z_14 Datasheet
85Kb / 8P
NPN Silicon Power Darlington
September, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com