Electronic Components Datasheet Search
  English  ▼

X  

BU323Z Datasheet(PDF) 3 Page - ON Semiconductor

Part # BU323Z
Description  NPN Silicon Power Darlington
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU323Z Datasheet(HTML) 3 Page - ON Semiconductor

  BU323Z Datasheet HTML 1Page - ON Semiconductor BU323Z Datasheet HTML 2Page - ON Semiconductor BU323Z Datasheet HTML 3Page - ON Semiconductor BU323Z Datasheet HTML 4Page - ON Semiconductor BU323Z Datasheet HTML 5Page - ON Semiconductor BU323Z Datasheet HTML 6Page - ON Semiconductor BU323Z Datasheet HTML 7Page - ON Semiconductor BU323Z Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BU323Z
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (1)
Collector−Emitter Clamping Voltage (IC = 7.0 A)
(TC = −40°C to +125°C)
VCLAMP
350
−
450
Vdc
Collector−Emitter Cutoff Current
(VCE = 200 V, IB = 0)
ICEO
−
−
100
mAdc
Emitter−Base Leakage Current
(VEB = 6.0 Vdc, IC = 0)
IEBO
−
−
50
mAdc
ON CHARACTERISTICS (1)
Base−Emitter Saturation Voltage
(IC = 8.0 Adc, IB = 100 mAdc)
(IC = 10 Adc, IB = 0.25 Adc)
VBE(sat)
−
−
−
−
2.2
2.5
Vdc
Collector−Emitter Saturation Voltage
(IC = 7.0 Adc, IB = 70 mAdc)
(TC = 125°C)
(IC = 8.0 Adc, IB = 0.1 Adc)
(TC = 125°C)
(IC = 10 Adc, IB = 0.25 Adc)
VCE(sat)
−
−
−
−
−
−
−
−
−
−
1.6
1.8
1.8
2.1
1.7
Vdc
Base−Emitter On Voltage
(IC = 5.0 Adc, VCE = 2.0 Vdc)
(TC = −40°C to +125°C)
(IC = 8.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.1
1.3
−
−
2.1
2.3
Vdc
Diode Forward Voltage Drop
(IF = 10 Adc)
VF
−
−
2.5
Vdc
DC Current Gain
(IC = 6.5 Adc, VCE = 1.5 Vdc)
(TC = −40°C to +125°C)
(IC = 5.0 Adc, VCE = 4.6 Vdc)
hFE
150
500
−
−
−
3400
−
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth
(IC = 0.2 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
−
−
2.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
−
−
200
pF
Input Capacitance
(VEB = 6.0 V)
Cib
−
−
550
pF
CLAMPING ENERGY (see notes)
Repetitive Non−Destructive Energy Dissipated at turn−off:
(IC = 7.0 A, L = 8.0 mH, RBE = 100 W) (see Figures 2 and 4)
WCLAMP
200
−
−
mJ
SWITCHING CHARACTERISTICS: Inductive Load (L = 10 mH)
Fall Time
(IC = 6.5 A, IB1 = 45 mA,
VBE(off) = 0, RBE(off) = 0,
VCC = 14 V, VZ = 300 V)
tfi
−
625
−
ns
Storage Time
tsi
−
10
30
ms
Cross−over Time
tc
−
1.7
−
ms
1. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle = 2.0%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com