Electronic Components Datasheet Search
  English  ▼

X  

LMH6643MA Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MA
Description  3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MA Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6643MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 12Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 13Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Typical Performance Characteristics At T
J = 25˚C, V
+ = +5, V− = −5V, R
F =RL =2k
Ω. Unless
otherwise specified. (Continued)
HD3 vs. Output Swing
THD (dBc) vs. Output Swing
20018505
20018506
Settling Time vs. Input Step Amplitude
(Output Slew and Settle Time)
Input Noise vs. Frequency
20018513
20018512
V
OUT from V
+ vs. I
SOURCE
V
OUT from V
− vs. I
SINK
20018518
20018519
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com