Electronic Components Datasheet Search
  English  ▼

X  

LMH6643MA Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MA
Description  3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MA Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMH6643MA Datasheet HTML 13Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 14Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 15Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 16Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 17Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 18Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 19Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 20Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Notes (Continued)
SINGLE SUPPLY, LOW POWER PHOTODIODE
AMPLIFIER:
The circuit shown in Figure 3 is used to amplify the current
from a photo-diode into a voltage output. In this circuit, the
emphasis is on achieving high bandwidth and the transim-
pedance gain setting is kept relatively low. Because of its
high slew rate limit and high speed, the LMH664X family
lends itself well to such an application.
This circuit achieves approximately 1V/mA of transimped-
ance gain and capable of handling up to 1mA
pp from the
photodiode. Q1, in a common base configuration, isolates
the high capacitance of the photodiode (C
d) from the Op
Amp input in order to maximize speed. Input is AC coupled
through C1 to ease biasing and allow single supply opera-
tion. With 5V single supply, the device input/output is shifted
to near half supply using a voltage divider from V
CC. Note
that Q1 collector does not have any voltage swing and the
Miller effect is minimized. D1, tied to Q1 base, is for tem-
perature compensation of Q1’s bias point. Q1 collector cur-
rent was set to be large enough to handle the peak-to-peak
photodiode excitation and not too large to shift the U1 output
too far from mid-supply.
No matter how low an R
f is selected, there is a need for Cf in
order to stabilize the circuit. The reason for this is that the Op
Amp input capacitance and Q1 equivalent collector capaci-
tance together (C
IN) will cause additional phase shift to the
signal fed back to the inverting node. C
f will function as a
zero in the feedback path counter-acting the effect of the C
IN
and acting to stabilized the circuit. By proper selection of C
f
such that the Op Amp open loop gain is equal to the inverse
of the feedback factor at that frequency, the response is
optimized with a theoretical 45˚ phase margin.
(1)
where GBWP is the Gain Bandwidth Product of the Op Amp
Optimized as such, the I-V converter will have a theoretical
pole, f
p, at:
(2)
With Op Amp input capacitance of 3pF and an estimate for
Q1 output capacitance of about 3pF as well, C
IN = 6pF. From
the typical performance plots, LMH6642/6643 family GBWP
is approximately 57MHz. Therefore, with R
f = 1k, from Equa-
tion 1 and 2 above.
C
f =
∼4.1pF, and f
p = 39MHz
20018564
FIGURE 3. Single Supply Photodiode I-V Converter
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com