Electronic Components Datasheet Search
  English  ▼

X  

LMH6645MA Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6645MA
Description  2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6645MA Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMH6645MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 12Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 13Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 14Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 15Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 16Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Typical Performance Characteristics At T
J = 25˚C. Unless otherwise specified. (Continued)
Shutdown Pin and Supply Current vs. Shutdown Voltage
Small Signal Step Response
20020208
20020243
Large Signal Step Response
Large Signal Step Response
20020244
20020245
Output Overload Recovery
20020246
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com