Electronic Components Datasheet Search
  English  ▼

X  

LMH6645MA Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6645MA
Description  2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6645MA Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6645MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6645MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Connection Diagrams (Continued)
SOIC-8 (LMH6647)
SOIC-8 and MSOP-8
(LMH6646)
20020262
Top View
20020263
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
5-Pin SOT-23
LMH6645MF
A68A
1k Units Tape and Reel
MF05A
LMH6645MFX
3k Units Tape and Reel
6-Pin SOT-23
LMH6647MF
A69A
1k Units Tape and Reel
MF06A
LMH6647MFX
3k Units Tape and Reel
SOIC-8
LMH6645MA
LMH6645MA
95 Units Rails
M08A
LMH6645MAX
2.5k Units Tape and Reel
LMH6646MA
LMH6646MA
95 Units Rails
LMH6646MAX
2.5k Units Tape and Reel
LMH6647MA
LMH6647MA
95 Units Rails
LMH6647MAX
2.5k Units Tape and Reel
MSOP-8
LMH6646MM
A70A
1k Units Tape and Reel
MUA08A
LMH6646MMX
3.5k Units Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com