Electronic Components Datasheet Search
  English  ▼

X  

3977 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3977
Description  MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3977 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3977 Datasheet HTML 1Page - Allegro MicroSystems 3977 Datasheet HTML 2Page - Allegro MicroSystems 3977 Datasheet HTML 3Page - Allegro MicroSystems 3977 Datasheet HTML 4Page - Allegro MicroSystems 3977 Datasheet HTML 5Page - Allegro MicroSystems 3977 Datasheet HTML 6Page - Allegro MicroSystems 3977 Datasheet HTML 7Page - Allegro MicroSystems 3977 Datasheet HTML 8Page - Allegro MicroSystems 3977 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MICROSTEPPING DMOS DRIVER
WITH TRANSLATOR
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Load Supply Voltage, VBB ............. 35 V
Output Current, IOUT .................. ±2.5 A*
Logic Supply Voltage, VDD ........... 7.0 V
Logic Input Voltage Range, VIN
(tw >30 ns)..... -0.3 V to VDD + 0.3 V
(tw <30 ns)........... -1 V to VDD + 1 V
Sense Voltage, VSENSE ................. 0.5 V
Reference Voltage, VREF ................ VDD
Package Power Dissipation,
PD................................. See page 3
Operating Temperature Range, TA
(A3977Kx) ............ -40°C to +125°C
(A3977Sx) .............. -20°C to +85°C
Junction Temperature, TJ......... +150°C
Storage Temperature Range,
TS ......................... -55°C to +150°C
* Output current rating may be limited by
duty cycle, ambient temperature, and heat
sinking. Under any set of conditions, do not
exceed the specified current rating or a
junction temperature of 150°C.
3977
The A3977xED and A3977xLP are complete microstepping motor drivers
with built-in translator. They are designed to operate bipolar stepper motors in
full-, half-, quarter-, and eighth-step modes, with output drive capability of 35
V and ±2.5 A. The A3977 includes a fixed off-time current regulator that has
the ability to operate in slow-, fast-, or mixed-decay modes. This current-
decay control scheme results in reduced audible motor noise, increased step
accuracy, and reduced power dissipation.
The translator is the key to the easy implementation of the A3977. By
simply inputting one pulse on the STEP input the motor will take one step
(full, half, quarter, or eighth depending on two logic inputs). There are no
phase-sequence tables, high-frequency control lines, or complex interfaces to
program. The A3977 interface is an ideal fit for applications where a complex
µP is unavailable or over-burdened.
Internal synchronous-rectification control circuitry is provided to improve
power dissipation during PWM operation.
Internal circuit protection includes thermal shutdown with hysteresis,
under-voltage lockout (UVLO) and crossover-current protection. Special
power-up sequencing is not required.
The A3977 is supplied in a choice of two power packages, a 44-pin
plastic PLCC with copper batwing tabs (suffix ED), and a thin (<1.2 mm), 28-
pin TSSOP with an exposed thermal pad (suffix LP). The SLP package is
available in a lead-free version (100% matte tin leadframe).
FEATURES
■
±2.5 A, 35 V Output Rating
■
Low rDS(on) Outputs, 0.45 Ω Source, 0.36 Ω Sink Typical
■
Automatic Current Decay Mode Detection/Selection
■
3.0 V to 5.5 V Logic Supply Voltage Range
■
Mixed, Fast, and Slow Current Decay Modes
■
Home Output
■
Synchronous Rectification for Low Power Dissipation
■
Internal UVLO and Thermal Shutdown Circuitry
■
Crossover-Current Protection
A3977xED
(PLCC)
65
43
21
44
43
42
41
40
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
34
33
32
31
28
27
26
25
24
23
22
21
20
19
18
Dwg. PP-075-1
GND
GND
LOGIC
SUPPLY
NC
GND
GND
REF
RC2
NC
NC
STEP
VREG
GND
GND
VCP
CP1
CP2
NC
VDD
VBB1
VBB2
NC
NC
PFD
RC1
÷8
REG
PWM
TIMER
Always order by complete part number:
Part Number
Package
A3977KED
44-pin PLCC
A3977KLP
28-pin TSSOP
A3977SED
44-pin PLCC
A3977SED-T
44-pin PLCC; Lead-free
A3977SLP
28-pin TSSOP
A3977SLP-T
28-pin TSSOP; Lead-free


Similar Part No. - 3977

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3977 ADAFRUIT-3977 Datasheet
124Kb / 2P
Getting Started with Circuit Playground Express Book Bundle
10-15-18
logo
Multicomp Pro
3977 MULTICOMP-3977 Datasheet
209Kb / 1P
Crimp and Seal Terminal Kit - 115 Pcs
23/08/12 V1.0
logo
Molex Electronics Ltd.
39773 MOLEX-39773 Datasheet
33Kb / 1P
Eurostyle Terminal Blocks
08/26/2021
39773-0002 MOLEX-39773-0002 Datasheet
33Kb / 1P
Eurostyle Terminal Blocks
08/26/2021
logo
SCHOTT CORPORATION
39774 SCHOTT-39774 Datasheet
25Kb / 1P
INDUCTOR, PQ26X10.2 mm, 1 關H, 50 ADC
More results

Similar Description - 3977

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
DMOS Microstepping Driver with Translator
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
DMOS Microstepping Driver with Translator
A3977 ALLEGRO-A3977 Datasheet
520Kb / 18P
Microstepping DMOS Driver with Translator
A3979 ALLEGRO-A3979_13 Datasheet
331Kb / 14P
Microstepping DMOS Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
DMOS Microstepping Driver with Translator
A3979SLPTR ALLEGRO-A3979SLPTR Datasheet
332Kb / 15P
Microstepping DMOS Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com