Electronic Components Datasheet Search
  English  ▼

X  

3977 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3977
Description  MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3977 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3977 Datasheet HTML 1Page - Allegro MicroSystems 3977 Datasheet HTML 2Page - Allegro MicroSystems 3977 Datasheet HTML 3Page - Allegro MicroSystems 3977 Datasheet HTML 4Page - Allegro MicroSystems 3977 Datasheet HTML 5Page - Allegro MicroSystems 3977 Datasheet HTML 6Page - Allegro MicroSystems 3977 Datasheet HTML 7Page - Allegro MicroSystems 3977 Datasheet HTML 8Page - Allegro MicroSystems 3977 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3977
MICROSTEPPING DMOS DRIVER
WITH TRANSLATOR
4
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 35 V, VDD = 3.0 V to 5.5V (unless otherwise
noted)
Limits
Characteristic
Symbol Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Operating
8.0
–
35
V
During sleep mode
0
–
35
V
Output Leakage Current
IDSS
VOUT = VBB
–
<1.0
20
µA
VOUT = 0 V
–
<1.0
-20
µA
Output On Resistance
rDS(on)
Source driver, IOUT = -2.5 A
–
0.45
0.57
Ω
Sink driver, IOUT = 2.5 A
–
0.36
0.43
Ω
Body Diode Forward Voltage
VF
Source diode, IF = -2.5 A
–
–
1.4
V
Sink diode, IF = 2.5 A
–
–
1.4
V
Motor Supply Current
IBB
fPWM < 50 kHz
–
–
8.0
mA
Operating, outputs disabled
–
–
6.0
mA
Sleep mode
–
–
20
µA
Control Logic
Logic Supply Voltage Range
VDD
Operating
3.0
5.0
5.5
V
Logic Input Voltage
VIN(1)
0.7VDD
––
V
VIN(0)
–
–
0.3VDD
V
Logic Input Current
IIN(1)
VIN = 0.7VDD
-20
<1.0
20
µA
IIN(0)
VIN = 0.3VDD
-20
<1.0
20
µA
Maximum STEP Frequency
fSTEP
500*
–
–
kHz
HOME Output Voltage
VOH
IOH = -200 µA
0.7VDD
–
–
V
VOL
IOL = 200 µA
–
–
0.3VDD
V
Blank Time
tBLANK
Rt = 56 kΩ, Ct = 680 pF
700
950
1200
ns
Fixed Off Time
toff
Rt = 56 kΩ, Ct = 680 pF
30
38
46
µs
continued next page …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com