Electronic Components Datasheet Search
  English  ▼

X  

A1321 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1321
Description  Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1321 Datasheet HTML 1Page - Allegro MicroSystems A1321 Datasheet HTML 2Page - Allegro MicroSystems A1321 Datasheet HTML 3Page - Allegro MicroSystems A1321 Datasheet HTML 4Page - Allegro MicroSystems A1321 Datasheet HTML 5Page - Allegro MicroSystems A1321 Datasheet HTML 6Page - Allegro MicroSystems A1321 Datasheet HTML 7Page - Allegro MicroSystems A1321 Datasheet HTML 8Page - Allegro MicroSystems A1321 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A1321/A1322/A1323
A1321-DS Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC .......................................... 8 V*
Reverse-Battery Voltage, VRCC.......................–0.1 V
Reverse-Output Voltage, VROUT .....................–0.1 V
Output Sink Current, IOUT ............................. 10 mA
Operating Temperature
Ambient, TA, Range E..................–40ºC to 85ºC
Ambient, TA, Range L................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
*Additional current draw may be observed at voltages
above the minimum supply Zener clamp voltage, VZ(min),
due to the Zener diode turning on.
Temperature-stable quiescent output
voltage
Precise recoverability after temperature cycling
Output voltage proportional to magnetic flux
density
Ratiometric rail-to-rail output
The A132X family of linear Hall-effect sensors are optimized, sensitive, and tem-
perature-stable. These ratiometric Hall-effect sensors provide a voltage output that
is proportional to the applied magnetic field. The A132X family has a quiescent
output voltage that is 50% of the supply voltage and output sensitivity options
of 2.5mV/G, 3.125mV/G, and 5mV/G. The features of this family of devices are
ideal for use in the harsh environments found in automotive and industrial linear
and rotary position sensing systems.
Each device has a BiCMOS monolithic circuit which integrates a Hall element,
improved temperature-compensating circuitry to reduce the intrinsic sensitivity
drift of the Hall element, a small-signal high-gain amplifier, and a rail-to-rail low-
impedance output stage.
A proprietary dynamic offset cancellation technique, with an internal high-fre-
quency clock, reduces the residual offset voltage normally caused by device
overmolding, temperature dependencies, and thermal stress. The high frequency
clock allows for a greater sampling rate, which results in higher accuracy and
faster signal processing capability. This technique produces devices that have an
extremely stable quiescent output voltage, are immune to mechanical stress, and
have precise recoverability after temperature cycling. Having the Hall element
and an amplifier on a single chip minimizes many problems normally associated
with low-level analog signals.
Output precision is obtained by internal gain and offset trim adjustments made at
end-of-line during the manufacturing process.
The A132X family is provided in a 3-pin single in-line package (UA) and a 3-pin
surface mount package (LH).
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
Use the following complete part numbers when ordering:
Package UA, 3-pin SIP
Features and Benefits
Improved sensitivity
4.5 to 5.5 V operation
Immunity to mechanical stress
Solid-state reliability
Robust EMC protection
Package LH, 3-pin Surface Mount
1
2
3
1
2
3
Part Number
Package
Ambient
Sensitivity, Typ.
A1321EUA
SIP
–40ºC to 85ºC
5.000 mV/G
A1321ELH
Surface Mount
A1321LUA
SIP
–40ºC to 150ºC
A1321LLH
Surface Mount
A1322EUA
SIP
–40ºC to 85ºC
3.125 mV/G
A1322ELH
Surface Mount
A1322LUA
SIP
–40ºC to 150ºC
A1322LLH
Surface Mount
A1323EUA
SIP
–40ºC to 85ºC
2.500 mV/G
A1323ELH
Surface Mount
A1323LUA
SIP
–40ºC to 150ºC
A1323LLH
Surface Mount
1. VCC
2. GND
3. VOUT
1. VCC
2. VOUT
3. GND


Similar Part No. - A1321

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321 Datasheet
319Kb / 11P
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321 Datasheet
501Kb / 13P
Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
logo
United Automation Ltd. ...
A13218E UNITEDAUTOMATION-A13218E Datasheet
728Kb / 4P
RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
1 July 2025
logo
Allegro MicroSystems
A1321ELHLT-T ALLEGRO-A1321ELHLT-T Datasheet
319Kb / 11P
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321ELHLT-T2 ALLEGRO-A1321ELHLT-T2 Datasheet
501Kb / 13P
Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
More results

Similar Description - A1321

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
Ratiometric Linear Hall-effect Sensor
06/05
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
logo
OPTEK Technologies
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
Ratiometric Linear Hall-Effect Sensor
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
Ratiometric Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com