Electronic Components Datasheet Search
  English  ▼

X  

A1321 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1321
Description  Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1321 Datasheet HTML 1Page - Allegro MicroSystems A1321 Datasheet HTML 2Page - Allegro MicroSystems A1321 Datasheet HTML 3Page - Allegro MicroSystems A1321 Datasheet HTML 4Page - Allegro MicroSystems A1321 Datasheet HTML 5Page - Allegro MicroSystems A1321 Datasheet HTML 6Page - Allegro MicroSystems A1321 Datasheet HTML 7Page - Allegro MicroSystems A1321 Datasheet HTML 8Page - Allegro MicroSystems A1321 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
A1321-DS Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321/A1322/A1323
DEVICE CHARACTERISTICS1 over operating temperature (TA) range, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.2
Max.
Units
Electrical Characteristics; VCC = 5 V, unless otherwise noted
Supply Voltage
Vcc(op)
Operating; Tj < 165°C
4.5
5.0
5.5
V
Supply Current
Icc
B = 0, Iout = 0
–
5.6
8
mA
Quiescent Voltage
Vout(q)
B = 0, TA = 25ºC, Iout = 1 mA
2.425
2.5
2.575
V
Output Voltage3
Vout(H)
B = +X, Iout = –1 mA
–
4.7
–
V
Vout(L)
B = –X, Iout = 1 mA
–
0.2
–
V
Output Source Current Limit3
Iout(LM)
B = –X, Vout → 0
–1.0
–1.5
–
mA
Supply Zener Clamp Voltage
VZ
Icc = 11 mA = Icc(max) + 3
6
8.3
–
V
Output Bandwidth
BW
–
30
–
kHz
Clock Frequency
fC
–
150
–
kHz
Output Characteristics; over VCC range, unless otherwise noted
Noise, Peak-to-Peak4
VN
A1321; Cbypass = 0.1 µF, no load
–
–
40
mV
A1322; Cbypass = 0.1 µF, no load
–
–
25
mV
A1323; Cbypass = 0.1 µF, no load
–
–
20
mV
Output Resistance
Rout
Iout ≤ ±1 mA
–
1.5
3
Ω
Output Load Resistance
RL
Iout ≤ ±1 mA, VOUT to GND
4.7
–
–
kΩ
Output Load Capacitance
CL
VOUT to GND
–
–
10
nF
1 Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
2 Typical data is at TA = 25°C. They are for initial design estimations only, and assume optimum manufacturing and application
conditions. Performance may vary for individual units, within the specified maximum and minimum limits.
3 In these tests, the vector X is intended to represent positive and negative fields sufficient to swing the output driver between fully OFF
and saturated (ON), respectively. It is NOT intended to indicate a range of linear operation.
4 Noise specification includes both digital and analog noise.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com