Electronic Components Datasheet Search
  English  ▼

X  

AD7485 Datasheet(PDF) 8 Page - AMIC Technology

Part # AD7485
Description  1 MSPS, Serial 14-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AD7485 Datasheet(HTML) 8 Page - AMIC Technology

Back Button AD7485 Datasheet HTML 4Page - AMIC Technology AD7485 Datasheet HTML 5Page - AMIC Technology AD7485 Datasheet HTML 6Page - AMIC Technology AD7485 Datasheet HTML 7Page - AMIC Technology AD7485 Datasheet HTML 8Page - AMIC Technology AD7485 Datasheet HTML 9Page - AMIC Technology AD7485 Datasheet HTML 10Page - AMIC Technology AD7485 Datasheet HTML 11Page - AMIC Technology AD7485 Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
–8–
AD7485
FREQUENCY – kHz
0
300
100
200
400
500
–40
0
–60
–80
–20
–120
–100
–140
fIN = 10.7kHz
SNR = 78.76dB
SNR + D = 78.70dB
THD = –97.10dB
TPC 7. 64k FFT Plot with 10 kHz Input Tone
FREQUENCY – kHz
–40
0
–60
–80
–20
–120
–100
–140
0
300
100
200
400
500
fIN = 507.3kHz
SNR = 78.35dB
SNR + D = 78.33dB
THD = –100.33dB
TPC 8. 64k FFT Plot with 500 kHz Input Tone
220
BIAS
VOLTAGE
1
2
3
4
5
6
7
8
AD8021
50
AC
SIGNAL
220
10pF
–VS
+VS
–
+
VIN
10pF
Figure 2. Analog Input Circuit Used for 500 kHz Input Tone
1
2
3
4
5
6
7
8
AD829
1k
1k
100
AC
SIGNAL
BIAS
VOLTAGE
150
220pF
–VS
+VS
–
+
VIN
Figure 1. Analog Input Circuit Used for 10 kHz Input Tone
Figure 1 shows the analog input circuit used to obtain the data
for the FFT plot shown in TPC 7. The circuit uses an Analog
Devices AD829 op amp as the input buffer. A bipolar analog
signal is applied as shown and biased up with a stable, low noise
dc voltage connected to the labeled terminal shown. A 220 pF
compensation capacitor is connected between Pin 5 of the AD829
and the analog ground plane. The AD829 is supplied with +12 V
and –12 V supplies. The supply pins are decoupled as close to
the device as possible, with both a 0.1
µF and 10 µF capacitor
connected to each pin. In each case, the 0.1
µF capacitor should be
the closer of the two capacitors to the device. More information
on the AD829 is available on the Analog Devices website.
For higher input bandwidth applications, Analog Devices’ AD8021
op amp (also available as a dual AD8022) is the recommended
choice to drive the AD7485. Figure 2 shows the analog input
circuit used to obtain the data for the FFT plot shown in TPC 8.
A bipolar analog signal is applied to the terminal shown and
biased with a stable, low noise dc voltage connected as shown. A
10 pF compensation capacitor is connected between Pin 5 of the
AD8021 and the negative supply. As with the previous circuit,
the AD8021 is supplied with +12 V and –12 V supplies. The
supply pins are decoupled as close to the device as possible with
both a 0.1
µF and 10 µF capacitor connected to each pin. In each
case, the 0.1
µF capacitor should be the closer of the two capaci-
tors to the device. The AD8021 Logic Reference pin is tied to
analog ground and the
DISABLE pin is tied to the positive sup-
ply as shown. Detailed information on the AD8021 is available
on the Analog Devices website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com