Electronic Components Datasheet Search
  English  ▼

X  

ADV7312KST Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7312KST
Description  Multiformat 11-Bit HDTV Video Encoder
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7312KST Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7312KST Datasheet HTML 38Page - Analog Devices ADV7312KST Datasheet HTML 39Page - Analog Devices ADV7312KST Datasheet HTML 40Page - Analog Devices ADV7312KST Datasheet HTML 41Page - Analog Devices ADV7312KST Datasheet HTML 42Page - Analog Devices ADV7312KST Datasheet HTML 43Page - Analog Devices ADV7312KST Datasheet HTML 44Page - Analog Devices ADV7312KST Datasheet HTML 45Page - Analog Devices ADV7312KST Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
REV. 0
–42–
ADV7312
FREQUENCY (MHz)
0
12
10
8
6
4
2
0
–10
–30
–50
–60
–70
–20
–40
TPC 7. Luma NTSC Low-Pass Filter
FREQUENCY (MHz)
0
12
10
8
6
4
2
0
–10
–30
–50
–60
–70
–20
–40
TPC 8. Luma PAL Low-Pass Filter
FREQUENCY (MHz)
0
12
10
8
6
4
2
0
–10
–30
–50
–60
–70
–20
–40
TPC 9. Luma NTSC Notch Filter
FREQUENCY (MHz)
0
12
10
8
6
4
2
0
–10
–30
–50
–60
–70
–20
–40
TPC 10. Luma PAL Notch Filter
FREQUENCY (MHz)
Y RESPONSE IN SD OVERSAMPLING MODE
0
–50
–80
020
406080
100
120
140
160
180
200
–10
–40
–60
–70
–20
–30
TPC 11. Y—16
× Oversampling Filter
FREQUENCY (MHz)
0
12
10
8
6
4
2
0
–10
–30
–50
–60
–70
–20
–40
TPC 12. Luma SSAF Filter up to 12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com