Electronic Components Datasheet Search
  English  ▼

X  

ADV7312KST Datasheet(PDF) 15 Page - Analog Devices

Part # ADV7312KST
Description  Multiformat 11-Bit HDTV Video Encoder
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7312KST Datasheet(HTML) 15 Page - Analog Devices

Back Button ADV7312KST Datasheet HTML 11Page - Analog Devices ADV7312KST Datasheet HTML 12Page - Analog Devices ADV7312KST Datasheet HTML 13Page - Analog Devices ADV7312KST Datasheet HTML 14Page - Analog Devices ADV7312KST Datasheet HTML 15Page - Analog Devices ADV7312KST Datasheet HTML 16Page - Analog Devices ADV7312KST Datasheet HTML 17Page - Analog Devices ADV7312KST Datasheet HTML 18Page - Analog Devices ADV7312KST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
REV. 0
ADV7312
–15–
PIN FUNCTION DESCRIPTIONS
Mnemonic
Input/Output
Function
DGND
G
Digital Ground.
AGND
G
Analog Ground.
CLKIN_A
I
Pixel Clock Input for HD Only (74.25 MHz), PS Only (27 MHz), SD Only (27 MHz).
CLKIN_B
I
Pixel Clock Input. Requires a 27 MHz reference clock for progressive scan mode or a 74.25 MHz
(74.1758 MHz) reference clock in HDTV mode. This clock is only used in dual modes.
COMP1,2
O
Compensation Pin for DACs. Connect 0.1
µF capacitor from COMP pin to V
AA.
DAC A
O
CVBS/Green/Y/Y Analog Output.
DAC B
O
Chroma/Blue/U/Pb Analog Output.
DAC C
O
Luma/Red/V/Pr Analog Output.
DAC D
O
In SD Only Mode: CVBS/Green/Y Analog Output; in HD Only Mode and Simultaneous HD/SD
Mode: Y/Green [HD] Analog Output.
DAC E
O
In SD Only Mode: Luma/Blue/U Analog Output; in HD Only Mode and Simultaneous HD/SD
Mode: Pr/Red Analog Output.
DAC F
O
In SD Only Mode: Chroma/Red/V Analog Output; in HD Only Mode and Simultaneous HD/SD
Mode: Pb/Blue [HD] Analog Output.
P_HSYNC
I
Video Horizontal Sync Control Signal for HD in Simultaneous SD/HD Mode and HD Only Mode.
P_VSYNC
IVideo Vertical Sync Control Signal for HD in Simultaneous SD/HD Mode and HD Only Mode.
P_BLANK
IVideo Blanking Control Signal for HD in Simultaneous SD/HD Mode and HD Only Mode.
S_BLANK
I/O
Video Blanking Control Signal for SD Only.
S_HSYNC
I/O
Video Horizontal Sync Control Signal for SD Only.
S_VSYNC
I/O
Video Vertical Sync Control Signal for SD Only.
Y7–Y0
I
SD or Progressive Scan/HDTV Input Port for Y Data. Input port for interleaved progressive scan
data. The LSB is set up on Pin Y0.
C7–C0
I
Progressive Scan/HDTV Input Port 4:4:4 Input Mode. This port is used for the Cb[Blue/U] data.
The LSB is set up on Pin C0.
S7–S0
I
SD or Progressive Scan/HDTV Input Port for Cr[Red/V] data in 4:4:4 input mode. LSB is set up
on Pin S0.
RESET
I
This input resets the on-chip timing generator and sets the ADV7312 into default register setting.
RESET is an active low signal.
RSET1,2
IA 3040
Ω resistor must be connected from this pin to AGND and is used to control the amplitudes
of the DAC outputs.
SCLK
I
I
2C Port Serial Interface Clock Input.
SDA
I/O
I
2C Port Serial Data Input/Output.
ALSB
I
TTL Address Input. This signal sets up the LSB of the I
2C address. When this pin is tied low,
the I
2C filter is activated, which reduces noise on the I2C interface.
VDD_IO
PPower Supply for Digital Inputs and Outputs.
VDD
PDigital Power Supply.
VAA
PAnalog Power Supply.
VREF
I/O
Optional External Voltage Reference Input for DACs or Voltage Reference Output (1.235 V).
EXT_LF
I
External Loop Filter for the Internal PLL.
RTC_SCR_TR I
Multifunctional Input. Real time control (RTC) input, timing reset input, subcarrier reset input.
I
2CI
This input pin must be tied high (VDD_IO) for the ADV7312 to interface over the I
2C port.
GND_IO
Digital Input/Output Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com