Electronic Components Datasheet Search
  English  ▼

X  

AND8079D Datasheet(PDF) 3 Page - ON Semiconductor

Part # AND8079D
Description  A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8079D Datasheet(HTML) 3 Page - ON Semiconductor

  AND8079D Datasheet HTML 1Page - ON Semiconductor AND8079D Datasheet HTML 2Page - ON Semiconductor AND8079D Datasheet HTML 3Page - ON Semiconductor AND8079D Datasheet HTML 4Page - ON Semiconductor AND8079D Datasheet HTML 5Page - ON Semiconductor AND8079D Datasheet HTML 6Page - ON Semiconductor AND8079D Datasheet HTML 7Page - ON Semiconductor AND8079D Datasheet HTML 8Page - ON Semiconductor AND8079D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Q1
MTB1306
D2 PAK
TP5
TP6
TP7
TP8
TP9
TP10
5 V_Input
GND_Input
12 V_Input
V_Logic
V_5P0_STBV
-12 V_Input
R1
10
C12
0.1
mF
VTT (+1.25V, 2A)
VREF (+1.25V, 2mA)
VDDQ (+2.5V, 8A)
Q2
MTB1306
D2 PAK
NCP1571
SO-8
L1
1
mH
Q5
MTD20P03HDL
DPAK
C16
C17
VCC
GATE(H)
8
7
6
5
1
2
3
4
C1
1800
mF
10V
C2
1800
mF
10V
C4
0.1
mF
C5
1800
mF
10V
Prov.
C7
1800
mF
6.3V
Prov.
C8
1800
mF
6.3V
C9
0.1
mF
C11
1800
mF
6.3V
D1
MBRM110LT
PowerMite Prov.
C15
1
mF
OUT
OUT
Q4
NTD4302
D2 PAK
TP1
TP2
TP3
TP4
Tol. = 1.0%
Tol. = 1.0%
U2A
LM358
Micro8
ON OFF
VOUT
C24
1
mF
C20
1800
mF
6.3V
Prov.
R7
1k
R5
10K
C21
1800
mF
6.3V
Prov.
R6
10K
C22
0.1
mF
C23
1800
mF
6.3V
C18
0.15
mF
R9
100
R8
200
C19
1.25V_Ref
GND_Output
1.25V_Vtt
6
5
7
R3
20k
R4
13k
L2
2.2
mH
Tol = 1.0%
To = 1.0%
Q3
MTB1306
D2PAK
C6
100pF
2.5V
0.1
mF
0.1
mF
2
3
4
V-
V+
8
R2
47k
C13
0.01
mF
C14
0.1
mF
MC33375ST-2.5T3
SOT-223
1
2
3
4
U2B
LM358
C3
1800
mF
10V
GATE(L)
Vfb
GND
PWRGD
PGDELAY
COMP
C10
1800
mF
6.3V
GND
VIN
Figure 2. DDR Memory Reference Design
2
mF
Note: The provisional components were not used in the verification of the reference design.
U1
U3 Prov.
−
−
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com