Electronic Components Datasheet Search
  English  ▼

X  

AND8079D Datasheet(PDF) 5 Page - ON Semiconductor

Part # AND8079D
Description  A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8079D Datasheet(HTML) 5 Page - ON Semiconductor

  AND8079D Datasheet HTML 1Page - ON Semiconductor AND8079D Datasheet HTML 2Page - ON Semiconductor AND8079D Datasheet HTML 3Page - ON Semiconductor AND8079D Datasheet HTML 4Page - ON Semiconductor AND8079D Datasheet HTML 5Page - ON Semiconductor AND8079D Datasheet HTML 6Page - ON Semiconductor AND8079D Datasheet HTML 7Page - ON Semiconductor AND8079D Datasheet HTML 8Page - ON Semiconductor AND8079D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AND8079/D
http://onsemi.com
5
Schottky Diode for Synchronous MOSFET
The efficiency of the buck converter can be improved
slightly by placing a Schottky diode (D1) in parallel with the
bottom MOSFET (Q3). The body diode of Q3 is used to
conduct current during the non-overlap time when both the
top (Q2) and bottom (Q3) MOSFETs are turned OFF. But
because the non-overlap time is only approximately 50 ns
for the NCP1571’s 200 kHz switching speed, the efficiency
savings
will
be
only
approximately
1.0%.
The
demonstration board included a provision for D1; however,
the performance of the circuit was not testing with this
diode.
Experimental Results
The experimental results of the demonstration PCB are
shown in Figures 4 through 20. Figure 3 shows the test setup
used to create the current load transients for the Vtt supply
voltage. The transient current load tests for the Vdd and Vtt
supply voltages were created using a Kikusui Electronic
Load Controller. Unless noted, the standard test conditions
are as listed below:
1. Ambient Temperature = 23
_C
2. Vdd Current Load (IVdd) = 8.0 A
3. Vtt Current Load (IVtt) = 1.25 A source load
4. VREF Current Load (IREF) = 2.5 mA
5. 5.0 V Input Voltage = 5.00 V
6. 12 V Input Voltage = 12.00 V
7. -12 V Input Voltage = -12.00 V
Figure 3. Vtt Transient Load Test Setup for a 2.0 A Sink to 2.0 A Source Test
2.5 V
Vdd
R7
OUT
-
+
-
-
+
Q4
U2A
VREF
Q5
C22
+
C23
+
Vtt
Vtt DDR Circuit
2.0 A
DC Current Source
Pulsating Current Source
Pulse Width = 100 ms
Period = 200 ms
l1 = 0 A
l2 = 4.0 A
Rise Time = 50
ms
Fall Time = 50
ms
Vtt Circuit
DC Current Source
Pulsating Current Source
0 A
2 .0 A
2.0 A
Vtt
2.0 A Current Sink Test
Vtt Circuit
DC Current Source
Pulsating Current Source
4 A
Vtt
2.0 A Current Source Test
2 .0 A
2.0 A
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com