Electronic Components Datasheet Search
  English  ▼

X  

AS2208N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS2208N
Description  Primary Side PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2208N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS2208N Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2208N Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2208N Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2208N Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2208N Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2208N Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Primary Side PWM Controller
AS2208
79
ASTEC Semiconductor
Pin Function Description
Pin Number
Function
Description
1
COMP
This is the inverting input to the PWM comparator. A divided and level shifted
representation of this voltage is compared to the ISNS input to determine OUT duty
cycle. A 1 mA current source is provided as a pull-up for an optocoupler.
2
ISNS
A voltage proportional to inductor current is connected to this pin. The PWM uses this
information to terminate the gate drive of the output.
3
RT/CT
Oscillator frequency and maximum duty cycle are set by connecting a resistor (RT) to
VREG and a capacitor (CT) to ground.
4
OV
This pin latches OUT low when pulled above 2.5 V. The latch can be reset by pulling
OV above 4 V then back to ground.
5
GND
Circuit common ground.
6
OUT
This totem pole output is designed to directly drive a power MOSFET switch capable of
sourcing and sinking peak currents up to 1 A.
7VCC
Positive supply voltage for the IC.
8VREG
Output of 5V series regulator.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage (ICC < 30 mA)
VCC
Self-Limiting
V
Supply Voltage (Low Impedance Source)
VCC
20
V
Reference Current
IREF
200
mA
Output Current
IOUT
1A
Output Voltage
VOUT
20
V
Continuous Power Dissipation at 25
° CPD
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
– 65 to 150
°C
Lead Temperature, Soldering 10 Seconds
TL
300
°C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Conditions
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
10 - 15
V
Oscillator
FOSC
50 - 250
kHz
Typical Thermal Resistance
Package
θJA
θJC
Typical Derating
8L PDIP
95
° C/W
50
° C/W
10.5 mW/
°C
8L SOIC
175
° C/W
45
° C/W
5.7 mW/
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com