Electronic Components Datasheet Search
  English  ▼

X  

AS2208N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS2208N
Description  Primary Side PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2208N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS2208N Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2208N Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2208N Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2208N Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2208N Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2208N Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASTEC Semiconductor
Description
The AS2208 is a simplified pulse width modulation control-
ler, offering similar functionality as that of the AS3842.
Based on the AS2214, the AS2208 provides the additional
features of low startup current and overvoltage latching,
making it a good solution for adapter applications.
The PWM function is controlled by the current sense com-
parator for normal current mode control. The COMP pin,
which serves as an input to the current sense comparator,
provides a 1 mA current source which can be tied directly to
the control loop optocoupler. The output stage is a high
current totem pole output that sees only 85 ns delay from the
PWM comparator.
The AS2208 requires only 100
µA of startup current. The
undervoltage lockout (UVLO) thresholds are nominally 14V
for turn on and 8 V for turn off. The VREG pin, based on a
trimmed bandgap reference, provides a temperature com-
pensated 5 V to loads of up to 50 mA. The oscillator
discharge current is trimmed to provide guaranteed duty
cycle clamping.
AS2208
Primary Side PWM Controller
Preliminary Specification
Features
• Low Startup Current
• Single-start or auto-restart
modes
• Oscillator trimmed for precision
duty cycle clamp
• Standard temperature range
extended to 105
°C
• Remote on / off control
• Self limiting supply Voltage
• Standard current mode control
Pin Configuration — Top view
Ordering Information
Package
Temperature Range
Order Code
8-Pin Plastic DIP
0 to 105
° C
AS2208N
8-Pin Plastic SOIC
0 to 105
° C
AS2208D
77
8
1
7
2
GND
6
3
OV
VREG
5
4
RT/CT
OUT
COMP
VCC
ISNS
8L SOIC (D)
PDIP (N)
8
1
7
2
GND
6
3
OV
VREG
5
4
RT/CT
OUT
VCC
ISNS
COMP


Similar Part No. - AS2208N

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
Compact size 횠22 횞 10.9 mm
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
AS221-306 SKYWORKS-AS221-306 Datasheet
246Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
AS221-306LF SKYWORKS-AS221-306LF Datasheet
246Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
AS221-306 SKYWORKS-AS221-306_06 Datasheet
246Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
More results

Similar Description - AS2208N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
logo
Fairchild Semiconductor
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
Primary-side-control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
Primary-Side-Control PWM Controller
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
Primary-Side-Control PWM Controller
logo
Texas Instruments
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com