Electronic Components Datasheet Search
  English  ▼

X  

DS1848 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1848
Description  Dual Temperature-Controlled NV Variable Resistor & Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1848 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1848 Datasheet HTML 1Page - Dallas Semiconductor DS1848 Datasheet HTML 2Page - Dallas Semiconductor DS1848 Datasheet HTML 3Page - Dallas Semiconductor DS1848 Datasheet HTML 4Page - Dallas Semiconductor DS1848 Datasheet HTML 5Page - Dallas Semiconductor DS1848 Datasheet HTML 6Page - Dallas Semiconductor DS1848 Datasheet HTML 7Page - Dallas Semiconductor DS1848 Datasheet HTML 8Page - Dallas Semiconductor DS1848 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS1848
4 of 17
Memory Location Name of Location
Function of Location
00h to 47h
(the Table Select
Byte, E0h, must be
set to 01h or 02h to
access the Look-
Up Tables)
00h to 7Fh
(the Table Select
Byte, E0h, must be
set to 00h to access
the User EEPROM
Memory)
User Defined Look-Up Table
(LUT)
User Memory
This block contains the user-defined temperature
settings of the resistors. Values between 00h and
FFh can be written to either table to set the 256
position variable resistors. The first address
location, 00h, is used to set the resistor at -40°C.
Each successive memory location will contain the
resistor setting for the previous temperature +2°C.
For example, memory address 01h is the address
that will set the resistor in a -38°C environment.
For default memory settings and programming
the look-up table, refer to the Programming the
Look-Up Table (LUT) section of the datasheet.
This block is for general-purpose user memory.
When shipped from the factory, memory
locations 60h – 6Bh contain the same information
as found in Look-Up Table 1, memory locations
28h – 33h. Memory locations 6Ch – 77h contain
the same information as found in Look-Up Table
2, memory locations 28h – 33h.
E0h
Table Select Byte
Writing to this byte determines if one of the two
72x8 EEPROM look-up tables or the user
EEPROM memory is selected for reading or
writing.
00h (User EEPROM selected)
01h (Look-Up Table 1 selected)
02h (Look-Up Table 2 selected)
E1h
Configuration Byte
TAU – Temperature/Address Update
TEN – Temperature Update Enable
AEN – Address Update Enable
Default setting is 03h, TAU = 1, TEN = 1 and
AEN = 1.
TAU becomes a 1 after a temperature and address
update has occurred as a result of a temperature
conversion. The user can write this bit to 0 and
check for a transition from 0 to 1 in order to
verify that a conversion has occurred.
If TEN = 0, the temperature conversion feature is
disabled. The user sets the resistor in “manual
mode” by writing to addresses F0h and F1h to
control resistors 0 and 1, respectively.
TAU TEN AEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com