Electronic Components Datasheet Search
  English  ▼

X  

DS1848 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1848
Description  Dual Temperature-Controlled NV Variable Resistor & Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1848 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1848 Datasheet HTML 1Page - Dallas Semiconductor DS1848 Datasheet HTML 2Page - Dallas Semiconductor DS1848 Datasheet HTML 3Page - Dallas Semiconductor DS1848 Datasheet HTML 4Page - Dallas Semiconductor DS1848 Datasheet HTML 5Page - Dallas Semiconductor DS1848 Datasheet HTML 6Page - Dallas Semiconductor DS1848 Datasheet HTML 7Page - Dallas Semiconductor DS1848 Datasheet HTML 8Page - Dallas Semiconductor DS1848 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS1848
5 of 17
Memory Location Name of Location
Function of Location
With AEN = 0 the user can operate in a test
mode. Address updates made from the
temperature sensor will cease. The user can load a
memory location into E4h and verify that the
values in locations F0h and F1h are the expected
user-defined values.
E2h
Temperature MSB
This byte contains the MSB of the 13-bit 2s
complement temperature output from the
temperature sensor.
E3h
Temperature LSB
This byte contains the LSB of the 13-bit 2s
complement temperature output from the
temperature sensor.
For example temperature readings, refer to Table
2.
E4h
Address Pointer
Calculated, current resistor address (0h – 47h).
The user-defined resistor setting at this location in
the respective look-up table will be loaded into
F0h and F1h to set the two resistors.
E5h to E6h
User Memory
General purpose user memory (SRAM)
E7h
Address Select
Internal or external device address select. This
byte allows the user to use the external address
pins or an internal register location to determine
the device address.
ENB = 0 and external A2, A1, A0 grounded,
device will use internal address bits (A2, A1, A0)
in this register
ENB = 1, external A2, A1, A0 = any setting,
device will use external address pins
Default setting is 01h. The device uses external
pins to determine its address.
E8h to EFh
User Memory
General purpose user memory (SRAM)
F0h
Resistor 0 Setting
In the user-controlled setting mode, this block
contains the resistor 0 setting.
F1h
Resistor 1 Setting
In the user-controlled setting mode, this block
contains the resistor 1 setting.
F2h to FFh
User memory
General purpose user memory (SRAM)
S 27 26 25 24 23 22 21
20 2-1 2-2 2-3 2-4 X X X
A2 A1 A0 ENB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com