Electronic Components Datasheet Search
  English  ▼

X  

DS2114 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2114
Description  SCSI Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2114 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2114 Datasheet HTML 1Page - Dallas Semiconductor DS2114 Datasheet HTML 2Page - Dallas Semiconductor DS2114 Datasheet HTML 3Page - Dallas Semiconductor DS2114 Datasheet HTML 4Page - Dallas Semiconductor DS2114 Datasheet HTML 5Page - Dallas Semiconductor DS2114 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS2114
070198 4/6
PIN DESCRIPTION Table 1
DS2114Z
PIN
SYMBOL
DESCRIPTION
1
TERMPWR1
Termination Power 1. Should be connected to the SCSI TERMPWR line. Must
be decoupled with either a 2.2
µF or 4.7 µF. See Figure 2.
2
R1
Signal Termination 1. 110 ohms termination.
3
R2
Signal Termination 2. 110 ohms termination.
4
R3
Signal Termination 3. 110 ohms termination.
5
R4
Signal Termination 4. 110 ohms termination.
6
R5
Signal Termination 5. 110 ohms termination.
7
VREF1
Reference Voltage 1. Must be externally connected directly to the VREF2 pin.
Must be decoupled with a 4.7
µF capacitor as shown in Figure 2.
8
GND
Ground. Signal ground; 0.0 volts.
9
TERMPWR2
Termination Power 2. Should be connected to the SCSI TERMPWR line. Must
be decoupled with either a 2.2
µF or 4.7 µF. See Figure 2.
11
R6
Signal Termination 6. 110 ohms termination.
12
R7
Signal Termination 7. 110 ohms termination.
13
R8
Signal Termination 8. 110 ohms termination.
14
R9
Signal Termination 9. 110 ohms termination.
10, 16
NC
No Connect. Do not connect any signal to these pins.
15
VREF2
Reference Voltage 2. Must be externally connected directly to the VREF1 pin.
Must be decoupled with a 4.7
µF capacitor as shown in Figure 2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com