Electronic Components Datasheet Search
  English  ▼

X  

DS2114 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2114
Description  SCSI Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2114 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2114 Datasheet HTML 1Page - Dallas Semiconductor DS2114 Datasheet HTML 2Page - Dallas Semiconductor DS2114 Datasheet HTML 3Page - Dallas Semiconductor DS2114 Datasheet HTML 4Page - Dallas Semiconductor DS2114 Datasheet HTML 5Page - Dallas Semiconductor DS2114 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS2114
070198 5/6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time may affect reliability.
The Dallas Semiconductor DS2114 is built to the highest quality standards and manufactured for long term reliability.
All Dallas Semiconductor devices are made using the same quality materials and manufacturing methods. However,
the DS2114 is not exposed to environmental stresses, such as burn–in, that some industrial applications require. For
specific reliability information on this product, please contact the factory in Dallas at (972) 371–4448.
RECOMMENDED OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TERMPWR Voltage
VTP
4.00
5.50
V
DC CHARACTERISTICS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TERMPWR Current
ITP
ITP
5
250
8
mA
mA
1, 3
1, 4
Termination Resistance
RTERM
110
116
ohms
1, 2
Die Thermal Shutdown
TSD
150
°C
1, 5
Termination Capacitance
CT
5.0
pF
1, 2, 5
REGULATOR CHARACTERISTICS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Output Voltage
VREF
2.7
2.85
3.0
V
1, 2
Drop Out Voltage
VDROP
0.75
1.0
V
3, 5
Line Regulation
LIREG
1.0
2.0
%
1, 4
Output Current
IOUT
24.0
mA
6
Load Regulation
LOREG
1.3
3.0
%
1, 3
Current Limit
ILIM
280
500
mA
1
Sink Current
ISINK
200
mA
1
NOTES:
1. 4.00 volts < TERMPWR < 5.50 volts.
2. 0.0 volts < signal lines < TERMPWR.
3. All signal lines = 0.0 volts.
4. All signal lines open.
5. Guaranteed by design; not production tested.
6. VSIGNAL = 0.2V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com