Electronic Components Datasheet Search
  English  ▼

X  

GS9008 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GS9008
Description  Cable Driver with Two Adjustable Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS9008 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GS9008 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS9008 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS9008 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS9008 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
520 - 77 - 3
VCC
400
400
VOUT
VOUT
VCC
VCC
INPUT / OUTPUT CIRCUITS
Fig. 2 Output Circuit (Pins 1 and 2)
Fig. 1 Input Circuit (Pins 6 and 7)
VCC
0.5p
SERIAL
INPUTS
400
VCC
VREF1
VREF1 + VREF2
+5V
-5V
6
7
0.1µF
0.1µF
-2V
ECL
DRIVER
GS9008
All resistors in ohms, all capacitors in microfarads unless otherwise stated.
Fig. 4 Split Supply Interfacing
All resistors in ohms, all capacitors in microfarads unless otherwise stated.
Fig. 3 Typical Application Circuit
INPUT SIGNAL
10k
+5V
150
1.0
0.1
INPUT SIGNAL
1.0
OUTPUT -1
(75
Ω)
OUTPUT -1
(75
Ω)
OUTPUT LEVEL
ADJUST
1.8p
68
1.8p
68
8
1
4
3
6
5
7
2
+
10
0.1
150
GS9008



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com