Electronic Components Datasheet Search
  English  ▼

X  

GS9008 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS9008
Description  Cable Driver with Two Adjustable Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS9008 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS9008 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS9008 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS9008 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS9008 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
520 - 77 - 3
Conditions: V
S
= 5V, T
A
= 0
°C to 70°C, R
L
= 150
Ω to GND and 144 Ω AC coupled unless otherwise shown
Supply Voltage
V
S
4.5
5.0
5.5
volts
Power Consumption
P
D
2 x150
Ω Loads DC
-
170
190
mW
Supply Current
I
S1
1% Accuracy, T
A
= 25oC
-
62
67
mA
V
SET
= (0.667) V
REF
Supply Current
I
S2
DC No Loads, T
A
= 25oC
-
16
20
mA
Reference Voltage
V
REF
10 k
Ω to ground
-
1.2
-
volts
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage (V
S
)
5.5 V
Input Voltage Range (any input)
V
S -0.5 V
Power Dissipation
300 mW
Operating Temperature Range
0
°C ≤ T
A ≤ 70°C
Storage Temperature Range
-65
°C ≤ T
S ≤ 150°C
Lead Temperature (soldering, 10 sec)
260
°C
Conditions: V
S
= 5V, T
A
= 0
°C to 70°C, R
L
= 150
Ω to GND and 144 Ω AC coupled unless otherwise shown
GS9008 CABLE DRIVER - DC ELECTRICAL CHARACTERISTICS
GS9008 CABLE DRIVER - AC ELECTRICAL CHARACTERISTICS
Output Amplitudes across
75
Ω Load (See Note 1)
Output Amplitude
Temperature Coefficient
(See Note 2)
Output
Rise/Fall Times (20% to 80%)
NOTE 1. V
OUT
is measured across a correctly terminated load, back matched to the device. The peak to peak voltage of the device
itself is 2 x V
OUT
.
2. V
OUT
is proportional to V
SET
and V
SET
may be an external low impedance, high stability supply. In this case the amplitude
temperature coefficient will not be guaranteed.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Signal Amplitude
V
IN
700
800
1000
mVp-p
Input Signal Rise/Fall Times
t
R
,t
F
-
-
750
ps
V
SET
= (0.5) V
REF
540
600
660
mVp-p
Notes 1 & 2
V
OUT
V
SET
= (0.667) V
REF
720
800
880
mVp-p
Notes 1 & 2
V
SET
= (0.833) V
REF
900
1000
1100
mVp-p
Notes 1 & 2
V
SET
= (0.5) V
REF
-
25
100
ppm/
oC
T
C
V
SET
= (0.667) V
REF
-
-12
80
ppm/
oC
V
SET
= (0.833) V
REF
-
-45
80
ppm/
oC
V
SET
= (0.5) V
REF
400
630
800
ps
t
R
,t
F
V
SET
= (0.667) V
REF
400
575
800
ps
V
SET
= (0.833) V
REF
400
530
800
ps
Output Overshoot
t
R
= t
F
= 600 ps
-
0
-
%
See Fig. 3
Jitter
t
J
at 270 Mb/s
-
-
±25
ps
Propagation Delay
t
P
-
1
-
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com