Electronic Components Datasheet Search
  English  ▼

X  

GS9023 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GS9023
Description  Embedded Audio CODEC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS9023 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GS9023 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 12Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 13Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 14Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
GENNUM CORPORATION
522 - 45 - 05
11
Fig. 4
In cases where an audio data packet does not fit inside the
remaining HANC space, the audio packet is discarded. In
this case, the “ADERR” bit of Host Interface Register #7h is
HIGH indicating an audio packet multiplexing error. The
error bit is cleared once accessed by the Host Interface.
By cascading four GS9023 devices, it is possible to
multiplex up to 16 audio channels (according to SMPTE
272) in a component video signal as shown in Figure 18.
NOTE: In the 525/D1 video format, only 15 channels of 24
bit audio can be multiplexed.
Cascade operation is not recommended with a composite
video signal, as there is insufficient HANC space for more
than four channels of audio. Audio packet insertion is not
guaranteed in this case.
The audio data packet structure as described in SMPTE
272M is shown in Figure 5.
The audio data packets words are defined as follows:
ADF: Ancillary Data Flag. The ancillary data flag marks the
beginning of an ancillary packet and is automatically
generated by the GS9023.
DID: Data ID. Audio data packets corresponding to an
audio group are selected by programming “A20ID[3:0]” of
Host Interface Register #3h for audio groups 1 to 4 as
follows:
Group 1: Fh (2FFh)
Group 2: Dh (1FDh)
Group 3: Bh (1FBh)
Group 4: 9h (2F9h)
NOTE: The six most significant bits of the DID are internally
generated by the GS9023.
DBN: Data Block Number. The data block number is used
when data blocks within a common data ID are to be linked
or to distinguish consecutive data blocks within a common
data ID. The data block number continuously increments
from 1 to 255 and is generated automatically by the
GS9023.
DC: Data Count. The data count represents the number of
user data words to follow (maximum of 255 words). The
data count is automatically generated by the GS9023.
CS: Checksum. The checksum consists of nine bits. The
checksum is used to determine the validity of the words
data ID through user data. It is the sum of the nine least
significant bits of the words data ID through user data. The
checksum is automatically generated by the GS9023.
The serial audio data samples, are mapped into three
contiguous ancillary data words (X, X+1, X+2) as shown in
Table 3.
Fig. 5: Audio Data Packet Structure with 4 Audio Channels, 1 Audio Group
Empty
Video signal before GS9023
Empty
Video signal after GS9023 Insertion of Audio Group 1 ("CASCADE" = HIGH)
Empty
* The ancillary data flag, ADF, is one word in composite systems (ANSI/SMPTE 259M) and three words
in component systems (ANSI/SMPTE 125M).
X
X+1 X+2
X
X+1 X+2
X
X+1 X+2
X
X+1 X+2
X
X+1 X+2
X
X+1 X+2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com