Electronic Components Datasheet Search
  English  ▼

X  

GS9023 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GS9023
Description  Embedded Audio CODEC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS9023 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GS9023 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 12Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 13Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 14Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 15Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
GENNUM CORPORATION
522 - 45 - 05
12
The audio packet data sample bits are defined as follows:
Z: The Z flag is set HIGH at the same sample coincident
with the beginning of a new AES channel status block
(frame 0) and is otherwise set LOW. In non-AES/EBU data
input formats this bit is set to the value of the SAFA/B input
pins at the rising edge of WCINA/B.
ch[1:0]: Identification of the channels in an audio group as
shown in Table 4.
aud[19:0]: Twos complement linearly represented audio
data. The audio data is input from the AINA and AINB pins.
V: AES/EBU sample validity bit. If the audio sample is valid
the bit is set LOW. If the audio sample is invalid, the bit is
set HIGH. In non-AES/EBU data input formats, this bit is set
to the value of the VFLA/B input pins at the rising edge of
WCINA/B.
U: AES/EBU user bit. In non-AES/EBU data input formats,
this bit is set to the value of the UDA/B input pins at the
rising edge of WCINA/B.
C: AES/EBU audio channel status bit. In non-AES/EBU data
input formats this bit is set to the value of the CSA/B input
pins at the rising edge of WCINA/B.
P: Even parity for the 26 previous bits in the audio data
sample (excludes b9 in the first and second words).
NOTE: The P bit is not the same as the AES/EBU parity bit.
This bit is automatically generated by the GS9023.
Extended Audio Data Packets
The GS9023 can multiplex 20 or 24 bit audio samples. For
24 bit audio samples, the 20 MSBs of a 24 bit audio sample
are contained in the audio data packets and the 4 LSBs are
contained in an extended audio data packet as defined in
SMPTE 272. The extended audio data packet is multiplexed
immediately following the corresponding audio data packet.
See Figure 6.
Fig. 6
TABLE 3: Audio Packet Data Sample Structure
BIT
WORD X
WORD X+1
WORD X+2
b9
not b8
not b8
not b8
b8
aud 5
aud 14
P
b7
aud 4
aud 13
C
b6
aud 3
aud 12
U
b5
aud 2
aud 11
V
b4
aud 1
aud 10
aud 19 (MSB)
b3
aud 0 (LSB)
aud 9
aud 18
b2
ch 1 (MSB)
aud 8
aud 17
b1
ch 0 (LSB)
aud 7
aud 16
b0
Z
aud 6
aud 15
TABLE 4: Channel Identification Within The Audio Groups
CH
1
CH
0
GROUP
1
GROUP
2
GROUP
3
GROUP
4
0
0
Channel
1
Channel
5
Channel
9
Channel
13
0
1
Channel
2
Channel
6
Channel
10
Channel
14
1
0
Channel
3
Channel
7
Channel
11
Channel
15
1
1
Channel
4
Channel
8
Channel
12
Channel
16
Empty
Video signal before GS9023
Empty
Video signal after GS9023 Insertion of Audio Group 2 & Extended
Audio Group 2 ("CASCADE" = HIGH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com