Electronic Components Datasheet Search
  English  ▼

X  

VLWW960 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLWW960
Description  Utilizing InGaN technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLWW960 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLWW960 Datasheet HTML 1Page - Vishay Siliconix VLWW960 Datasheet HTML 2Page - Vishay Siliconix VLWW960 Datasheet HTML 3Page - Vishay Siliconix VLWW960 Datasheet HTML 4Page - Vishay Siliconix VLWW960 Datasheet HTML 5Page - Vishay Siliconix VLWW960 Datasheet HTML 6Page - Vishay Siliconix VLWW960 Datasheet HTML 7Page - Vishay Siliconix VLWW960 Datasheet HTML 8Page - Vishay Siliconix VLWW960 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 81254
Rev. 1.1, 05-Mar-08
Vishay Semiconductors
VLWW960.
Note:
1) T
amb = 25 °C unless otherwise specified
2) Driving the LED in reverse direction is suitable for a short term application
Note:
1) T
amb = 25 °C unless otherwise specified
Note:
tolerance ± 0.01
ABSOLUTE MAXIMUM RATINGS 1) VLWW960.
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage 2)
IR = 10 µA
VR
5V
DC Forward current
Tamb ≤ 50 °C
IF
50
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.1
A
Power dissipation
PV
255
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s, 1.5 mm from body
preheat temperature 100 °C/ 30 s
Tsd
260
°C
Thermal resistance junction/ambient
with cathode heatsink of 70 mm2
RthJA
200
K/W
Thermal resistance junction/pin
RthJP
90
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) VLWW960., WHITE
PARAMETER
TEST CONDITION
SYMBOL
PART
MIN.
TYP.
MAX.
UNIT
Total flux
IF = 50 mA, RthJA = 200 °K/W
ØV
VLWW9600
1500
2200
mlm
VLWW9601
2000
3600
mlm
Luminous intensity/total flux
IF = 50 mA, RthJA = 200 °K/W
IV/ØV
0.8
mcd/mlm
Color temperature
IF = 50 mA, RthJA = 200 °K/W
TK
5500
K
Angle of half intensity
IF = 50 mA, RthJA = 200 °K/W
ϕ
± 30
deg
Total included angle
90 % of Total Flux Captured
ϕ
75
deg
Forward voltage
IF = 50 mA, RthJA = 200 °K/W
VF
4.3
5.2
V
Reverse voltage
IR = 10 µA
VR
510
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
CHROMATICITY COORDINATE CLASSIFICATION
GROUP
X
Y
VLWW9600
VLWW9601
MIN.
MAX.
MIN.
MAX.
3a
0.2900
0.3025
Y = 1.4x - 0.121
Y = 1.4x - 0.071
3b
0.3025
0.3150
Y = 1.4x - 0.121
Y = 1.4x - 0.071
3c
0.2900
0.3025
Y = 1.4x - 0.171
Y = 1.4x - 0.121
3d
0.3025
0.3150
Y = 1.4x - 0.171
Y = 1.4x - 0.121
4a
0.3150
0.3275
Y = 1.4x - 0.121
Y = 1.4x - 0.071
4b
0.3275
0.3400
Y = 1.4x - 0.121
Y = 1.4x - 0.071
4c
4c
0.3150
0.3275
Y = 1.4x - 0.171
Y = 1.4x - 0.121
4d
4d
0.3275
0.3400
Y = 1.4x - 0.171
Y = 1.4x - 0.121
5a
0.3400
0.3525
Y = 1.4x - 0.121
Y = 1.4x - 0.071
5b
0.3525
0.3650
Y = 1.4x - 0.121
Y = 1.4x - 0.071
5c
5c
0.3400
0.3525
Y = 1.4x - 0.171
Y = 1.4x - 0.121
5d
5d
0.3525
0.3650
Y = 1.4x - 0.171
Y = 1.4x - 0.121



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com