Electronic Components Datasheet Search
  English  ▼

X  

VLWW960 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLWW960
Description  Utilizing InGaN technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLWW960 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLWW960 Datasheet HTML 1Page - Vishay Siliconix VLWW960 Datasheet HTML 2Page - Vishay Siliconix VLWW960 Datasheet HTML 3Page - Vishay Siliconix VLWW960 Datasheet HTML 4Page - Vishay Siliconix VLWW960 Datasheet HTML 5Page - Vishay Siliconix VLWW960 Datasheet HTML 6Page - Vishay Siliconix VLWW960 Datasheet HTML 7Page - Vishay Siliconix VLWW960 Datasheet HTML 8Page - Vishay Siliconix VLWW960 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number 81254
Rev. 1.1, 05-Mar-08
www.vishay.com
3
Vishay Semiconductors
VLWW960.
Note:
Luminous flux is tested at a current pulse duration of 25 ms and an accuracy of ± 11 %.
The above type numbers represent the order grous which include only a few brightness groups. Only one group will be shipped in one tube (there
will be no mixing of two groups on each tube).
In order to ensure availability, single brightness groups will not be orderable. In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped in any one tube.
In order to ensure availability, single wavelength groups will not be orderable.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
LUMINOUS FLUX CLASSIFICATION
GROUP
LUMINOUS FLUX (MLM)
MIN.
MAX.
C
1500
2400
D
2000
3000
E
2500
3600
F
3000
4200
Figure 1. Forward Current vs. Ambient Temperature
Figure 2. Rel. Luminous Intensity vs.
Angular Displacement for 60° Emission Angle
0
10
20
30
40
50
60
16067
T
amb - Ambient Temperature (°C)
0
80
20
40
60
100
120
R
thJA = 200 K/W
16006
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
Figure 3. Percentage Total Luminous Flux vs.
Total Included Angle for 60° Emission Angle
Figure 4. Thermal Resistance Junction Ambient vs.
Cathode Padsize
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
Total Included Angle (Degrees)
16005
160
170
180
190
200
210
220
230
0
50
100
150
200
250
300
Cathode Padsize mm2
16009
Padsize 8 mm2
per Anode Pin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com