Electronic Components Datasheet Search
  English  ▼

X  

VOW136 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VOW136
Description  Widebody, High Isolation, High Speed Optocoupler, 1 MBd
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOW136 Datasheet(HTML) 2 Page - Vishay Siliconix

  VOW136 Datasheet HTML 1Page - Vishay Siliconix VOW136 Datasheet HTML 2Page - Vishay Siliconix VOW136 Datasheet HTML 3Page - Vishay Siliconix VOW136 Datasheet HTML 4Page - Vishay Siliconix VOW136 Datasheet HTML 5Page - Vishay Siliconix VOW136 Datasheet HTML 6Page - Vishay Siliconix VOW136 Datasheet HTML 7Page - Vishay Siliconix VOW136 Datasheet HTML 8Page - Vishay Siliconix VOW136 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VOW135, VOW136
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 26-Mar-15
2
Document Number: 84156
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Fig. 1 - Maximum Power vs. Operating Temperature
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
CONDITIONS
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
3V
Forward current
IF
25
mA
Peak forward current
t = 1 ms, duty cycle 50 %
IFM
50
mA
Maximum surge forward current
t
≤ 1 μs, 300 pulses/s
IFSM
1A
Power dissipation
Pdiss
45
mW
Input junction temperature
Tj max.
125
°C
OUTPUT
Supply voltage
VS
-0.5 to 30
V
Output voltage
VO
-0.5 to 25
V
Emitter base voltage
VEBO
5V
Average output current
IO
8mA
Peak output current
IO
16
mA
Base current
IB
5mA
Power dissipation
Pdiss
100
mW
Output junction temperature
Tj max.
125
°C
COUPLER
Storage temperature range
Tstg
-55 to +150
°C
Ambient temperature range
Tamb
-40 to +100
°C
Soldering temperature
max.
≤ 10 s, dip soldering ≥ 0.5 mm
distance from case bottom
Tsld
260
°C
0
20
40
60
80
100
0
25
50
75
100
125
T
amb - Ambient Temperature (°C)
Output Detector
IR-LED



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com