Electronic Components Datasheet Search
  English  ▼

X  

VOW136 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VOW136
Description  Widebody, High Isolation, High Speed Optocoupler, 1 MBd
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOW136 Datasheet(HTML) 3 Page - Vishay Siliconix

  VOW136 Datasheet HTML 1Page - Vishay Siliconix VOW136 Datasheet HTML 2Page - Vishay Siliconix VOW136 Datasheet HTML 3Page - Vishay Siliconix VOW136 Datasheet HTML 4Page - Vishay Siliconix VOW136 Datasheet HTML 5Page - Vishay Siliconix VOW136 Datasheet HTML 6Page - Vishay Siliconix VOW136 Datasheet HTML 7Page - Vishay Siliconix VOW136 Datasheet HTML 8Page - Vishay Siliconix VOW136 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VOW135, VOW136
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 26-Mar-15
3
Document Number: 84156
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Fig. 2 - Schematics
ELECTRICAL CHARACTERISTICS (Tamb = 0 °C to 70 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 16 mA
VF
1.38
1.9
V
Breakdown voltage
IR = 10 μA
VBR
3V
Reverse current
VR = 3 V
IR
0.5
10
μA
Input capacitance
VR = 0 V, f = 1 MHz
CI
36
pF
Temperature coefficient of
forward voltage
IF = 16 mA
ΔVF/ΔTamb
-1.9
mV/°C
OUTPUT
Logic low supply current
IF = 16 mA, VO = open, VCC = 15 V
ICCL
50
200
μA
Logic high supply current
IF = 0 A, VO = open, VCC = 15 V
ICCH
0.02
2
μA
Output voltage, output logic low
IF = 16 mA, VCC = 4.5 V, IO = 0.8 mA VOW135
VOL
0.1
0.5
V
IF = 16 mA, VCC = 4.5 V, IO = 2.4 mA VOW136
VOL
0.1
0.5
V
Output current, output logic high
IF = 0 mA, VO = VCC = 5.5 V
IOH
3
500
nA
IF = 0 mA, VO = VCC =15 V
IOH
0.01
1
μA
Output capacitance
VR = 0 V, f = 1 MHz
CO
3.70
pF
COUPLER
Capacitance (input to output)
f = 1 MHz
CIO
0.9
pF
CURRENT TRANSFER RATIO (Tamb = 0 °C to 70 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 16 mA, VO = 0.4 V,
VCC = 4.5 V, Tamb = 25 °C
VOW135
CTR
7
18
50
%
VOW136
CTR
192450
%
IF = 16 mA, VO = 0.5 V, VCC = 4.5 V
VOW135
CTR
5
19
%
VOW136
CTR
15
25
%
SWITCHING CHARACTERISTICS (Tamb = 0 °C to 70 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
High to low
IF = 16 mA, VCC = 5 V, RL = 4.1 k
Ω
VOW135
tPHL
0.2
2.0
μs
IF = 16 mA, VCC = 5 V, RL = 1.9 k
Ω
VOW136
tPHL
0.2
1.0
μs
Low to high
IF = 16 mA, VCC = 5 V, RL = 4.1 k
Ω
VOW135
tPLH
1.3
2.0
μs
IF = 16 mA, VCC = 5 V, RL = 1.9 k
Ω
VOW136
tPLH
0.6
1.0
μs
isfh6135_01
VOL
t
t
5V
1.5 V
VO
IF
tPLH
tPHL
1
2
3
4
8
7
6
5
IF
VO
RL
5V
Pulse generator
Z O =50 Ω
tr, tf =5 ns
duty cycle 10 %
t
≤ 100 µs
CL
15 pF
IF monitor
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com