Electronic Components Datasheet Search
  English  ▼

X  

REE Datasheet(PDF) 1 Page - Recom International Power

Part # REE
Description  Low Cost 1W Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REE Datasheet(HTML) 1 Page - Recom International Power

  REE Datasheet HTML 1Page - Recom International Power REE Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Voltage Range
±10% max.
Output Voltage Accuracy
-2% typ., ±5% max.
Line Voltage Regulation
(low line to high line at max. load)
1.2%/1% of Vin typ.
Load Regulation
20% to 100% load (5V output)
10% max.
Output Ripple and Noise (20MHz BW limited)
55mVp-p typ. / 100mVp-p max.
Operating Frequency (Vin=nominal input)
50kHz min. / 82kHz typ. / 105kHz max.
Efficiency
76% typ. / 70% min.
Isolation Test Voltage
(tested for 1 second)
1000 VDC min.
(rated for 1 minute*)
500VAC / 60Hz
Isolation Capacitance
75pF max.
Isolation Resistance
(Viso=500V)
1G
Ω min.
Short-Circuit Protection
1 sec.
Operating Temperature Range
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
2.2g
MTBF (+25°C)
using MIL-HDBK 217F
2400 x 10³ hours
MTBF (+85°C)
using MIL-HDBK 217F
650 x 10³ hours
Certification
UL General Safety
Report: E358085-A4 UL60950-1
}DetailedInformationsee
Application Notes chapter "MTBF"
Typical Characteristics
Derating-Graph
(Ambient Temperature)
Tolerance Envelope
Selection Guide
Part
Input
Output
Output
Number
Voltage
Voltage
Current
Efficiency
SMD
(VDC)
(VDC)
(mA)
(typ.)
REE-0505S
5
5
200
76%
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
1 Watt SIP7
Single Output
● 1:1 Input Range
● Low Cost 1W Converter
● Efficiency to 76%
● -40°C to +85°C Operating Temperature Range
● UL Certified
Features
Unregulated
Converters
REE
ECONOLINE
DC/DC-Converter
with 3 year Warranty
100
60
20
40
100
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
85
+10%
+5%
V Nom.
+5%
– 2%
10%
50%
100%
+Vout and -Vout Load Current (%)
– 5%
Typical Load Line
RoHS
2011/65/EU
6/6
*Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer
to our Application Notes.
UL-60950-1 Certified
E-358085
Refer to Application Notes
REV: 1/2015
E-55
www.recom-power.com


Similar Part No. - REE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
REE OHMITE-REE Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
Recom International Pow...
REE-0505S RECOM-REE-0505S Datasheet
572Kb / 2P
LOW COST 1W CONVERTER
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
logo
ebm-papst
REE10 EBMPAPST-REE10 Datasheet
318Kb / 4P
AC plate-mounted axials
logo
Ohmite Mfg. Co.
REE1K0E OHMITE-REE1K0E Datasheet
233Kb / 2P
Rheostats (Potentiometers) Wirewound
More results

Similar Description - REE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
MicroPower Direct, LLC
H100E MPD-H100E Datasheet
210Kb / 2P
Low Cost, 1W, Ultra-Miniature DC/DC Converters
logo
Recom International Pow...
RBE-0505S RECOM-RBE-0505S Datasheet
573Kb / 2P
LOW COST 1W CONVERTER
REE-0505S RECOM-REE-0505S Datasheet
572Kb / 2P
LOW COST 1W CONVERTER
ROE-0505S RECOM-ROE-0505S Datasheet
576Kb / 2P
LOW COST 1W CONVERTER
logo
MicroPower Direct, LLC
ACP100E MPD-ACP100E Datasheet
285Kb / 2P
Low Cost, 1W Ultra-Miniature DC/DC Converters
logo
Recom International Pow...
RB-2415D RECOM-RB-2415D Datasheet
121Kb / 3P
Low Cost 1W Converter Power Sharing on Dual Output Version
logo
Analog Devices
ADL5306 AD-ADL5306_15 Datasheet
2Mb / 16P
Low Cost Logarithmic Converter
REV. 0
logo
Recom International Pow...
ROE RECOM-ROE Datasheet
300Kb / 4P
Low Cost 1W Converter
RBE RECOM-RBE Datasheet
83Kb / 2P
Low Cost 1W Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com