Electronic Components Datasheet Search
  English  ▼

X  

REE Datasheet(PDF) 2 Page - Recom International Power

Part # REE
Description  Low Cost 1W Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REE Datasheet(HTML) 2 Page - Recom International Power

  REE Datasheet HTML 1Page - Recom International Power REE Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REE Series
ECONOLINE
DC/DC-Converter
REE-0505S
Typical Characteristics
Package Style and Pinning
Pin Connections
Pin #
Function
1
+Vin
2
-Vin
4
-Vout
6
+Vout
Unit:
mm
Tolerance:
± 0.25 mm
100
90
80
70
60
50
40
30
20
10
0
010 20 30 40 50 60 70 80 90 100
Efficiency/Load
Load %
25
20
15
10
5
0
-5
-10
0 10 20 30 40 50 60 70 80 90 100
Deviation/Load
Load %
6.00
10.20
0.51
RECOM
REE-0505S
1208 Pb
12
4
4.10
12.70
2.54
2.54
2.54
Single SIP 7PIN Package
19.60
6
Footprint
Top View
1.00 +0.15/-0
Bottom View
1.27
0.25
12.70
2.0
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 1/2015
www.recom-power.com
E-56



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com