Electronic Components Datasheet Search
  English  ▼

X  

IL339D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IL339D
Description  Quad Single Supply Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL339D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IL339D Datasheet HTML 1Page - List of Unclassifed Manufacturers IL339D Datasheet HTML 2Page - List of Unclassifed Manufacturers IL339D Datasheet HTML 3Page - List of Unclassifed Manufacturers IL339D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IL339
4
TYPICAL PERFORMANCE CHARACTERISTICS
(VCC=1.5V, TA=+25°C, (each comporator))
Figure 1. Normalized Input Offset Voltage
Figure 2. Input Bias Current
Figure 3. Output Sink Current versus
Output Saturation Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com