Electronic Components Datasheet Search
  English  ▼

X  

IL339D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL339D
Description  Quad Single Supply Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL339D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL339D Datasheet HTML 1Page - List of Unclassifed Manufacturers IL339D Datasheet HTML 2Page - List of Unclassifed Manufacturers IL339D Datasheet HTML 3Page - List of Unclassifed Manufacturers IL339D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
1
Quad Single Supply Comparator
The IL339 consists of four independent precision voltage
comparators with an offset voltage specification as low as 2.0 mV max
for four comparators which were designed specifically to operate from
a single power supply over a wide range of voltages.
Application areas include limit comparators, simple analog to
digital converters; pulse, squarewave and time delay generators; wide
range VCO; MOS clock timers; multivibrators and high voltage digital
logic gates.
•
Single or Split Supply Operation
•
Low Input Bias Current
•
Low Input Offset Current
•
Input Common Mode Voltage Range to Gnd
•
Low Output Saturation Voltage
•
TTL and CMOS Compatible
IL339
ORDERING INFORMATION
IL339N Plastic
IL339D SOIC
TA = 0° to 70° C for all packages.
LOGIC DIAGRAM
PIN 3 = VCC
PIN 12 = GND
PIN ASSIGNMENT


Similar Part No. - IL339D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL339D IKSEMICON-IL339D Datasheet
253Kb / 5P
Quad Single Supply Comparator
IL339D IKSEMICON-IL339D Datasheet
202Kb / 5P
Quad Single Supply Comparator
More results

Similar Description - IL339D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2901 NJRC-NJM2901 Datasheet
184Kb / 5P
SINGLE-SUPPLY QUAD COMPARATOR
logo
System Logic Semiconduc...
SL339 SLS-SL339 Datasheet
41Kb / 4P
Quad Single Supply Comparator
logo
KODENSHI_AUK CORP.
KK339 KODENSHI-KK339 Datasheet
229Kb / 5P
Quad Single Supply Comparator
KK2901 KODENSHI-KK2901 Datasheet
253Kb / 5P
Quad Single Supply Comparator
logo
IK Semicon Co., Ltd
IL339 IKSEMICON-IL339 Datasheet
253Kb / 5P
Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901 Datasheet
450Kb / 12P
Quad Single Supply Comparator
IL339 IKSEMICON-IL339_11 Datasheet
202Kb / 5P
Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901_11 Datasheet
396Kb / 12P
Quad Single Supply Comparator
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
logo
New Japan Radio
NJM2901C NJRC-NJM2901C Datasheet
771Kb / 6P
SINGLE-SUPPLY QUAD COMPARATOR
ver.06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com