Electronic Components Datasheet Search
  English  ▼

X  

IR2010S Datasheet(PDF) 9 Page - International Rectifier

Part # IR2010S
Description  HIGH AND LOW SIDE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2010S Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2010S Datasheet HTML 5Page - International Rectifier IR2010S Datasheet HTML 6Page - International Rectifier IR2010S Datasheet HTML 7Page - International Rectifier IR2010S Datasheet HTML 8Page - International Rectifier IR2010S Datasheet HTML 9Page - International Rectifier IR2010S Datasheet HTML 10Page - International Rectifier IR2010S Datasheet HTML 11Page - International Rectifier IR2010S Datasheet HTML 12Page - International Rectifier IR2010S Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.irf.com
9
IR2010(S) & (PbF)
Figure 15B. Low Level Output vs. VBIAS Voltage
Figure 16A. Offset Supply Current vs. Temperature
Figure 16B. Offset Supply Current vs. Offset Voltage
Figure 14B. High Level Output vs. VBIAS Voltage
Figure 15A. Low Level Output vs. Temperature
Figure 17A. Vbs Supply Current vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
-5 0
-25
0
2 5
5 0
7 5
1 0 0
12 5
max
0.0
0.2
0.4
0.6
0.8
1.0
10
12
14
16
18
20
VBIAS Supply Voltage (V)
max
0
100
200
300
-5 0
-25
0
2 5
5 0
7 5
100
125
max
0
1
2
3
4
5
10
12
14
16
18
20
VBIAS Supply Voltage (V)
max
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (C)
max
typ
0
20
40
60
80
100
0
2 0
4 0
6 0
8 0
100
120
140
160
180
200
max
Temperature (C)
Temperature (C)
Offset Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com