Electronic Components Datasheet Search
  English  ▼

X  

IR2010S Datasheet(PDF) 11 Page - International Rectifier

Part # IR2010S
Description  HIGH AND LOW SIDE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2010S Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2010S Datasheet HTML 7Page - International Rectifier IR2010S Datasheet HTML 8Page - International Rectifier IR2010S Datasheet HTML 9Page - International Rectifier IR2010S Datasheet HTML 10Page - International Rectifier IR2010S Datasheet HTML 11Page - International Rectifier IR2010S Datasheet HTML 12Page - International Rectifier IR2010S Datasheet HTML 13Page - International Rectifier IR2010S Datasheet HTML 14Page - International Rectifier IR2010S Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.irf.com
11
IR2010(S) & (PbF)
Figure 22. VBS Undervoltage (+) vs. Temperature
Figure 23. VBS Undervoltage (-) vs. Temperature
Figure 24. VCC Undervoltage (+) vs. Temperature
Figure 20B. Logic “1” Input Current vs. VDD Voltage
Figure 21A. Logic “0” Input Current vs. Temperature
Figure 21B. Logic “0” Input Current vs. VDD Voltage
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.
0.0
1.0
2.0
3.0
4.0
5.0
-50-25
0
25
50
75100
125
Temperature (C)
max
0
20
40
60
80
100
2
4
6
8
101214
16
1820
VDD Voltage (V)
typ
max
0.0
1.0
2.0
3.0
4.0
5.0
2
4
6
8
1 01 21 4
1 61 82 0
ma x
VDD Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com