Electronic Components Datasheet Search
  English  ▼

X  

IR2175S Datasheet(PDF) 4 Page - International Rectifier

Part # IR2175S
Description  LINEAR CURRENT SENSING IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2175S Datasheet(HTML) 4 Page - International Rectifier

  IR2175S Datasheet HTML 1Page - International Rectifier IR2175S Datasheet HTML 2Page - International Rectifier IR2175S Datasheet HTML 3Page - International Rectifier IR2175S Datasheet HTML 4Page - International Rectifier IR2175S Datasheet HTML 5Page - International Rectifier IR2175S Datasheet HTML 6Page - International Rectifier IR2175S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
IR2175(S) & (PbF)
www.irf.com
Application Hint:
Temperature drift of the output carrier frequency can be cancelled by measuring both a PWM period and the on-time
of PWM (Duty) at the same time. Since both periods vary in the same direction, computing the ratio between these
values at each PWM period gives consistent measurement of the current feedback over the temperature drift.
Vin+= -260mV
Vs = 0V
Vin+= +260mV
Vs = 0V
Duty=91%
Duty=9%
Carrier Frequency =
130kHz
PO
PO
Timing Waveforms
Figure 1 Output waveform



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com