Electronic Components Datasheet Search
  English  ▼

X  

IR2175S Datasheet(PDF) 1 Page - International Rectifier

Part # IR2175S
Description  LINEAR CURRENT SENSING IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2175S Datasheet(HTML) 1 Page - International Rectifier

  IR2175S Datasheet HTML 1Page - International Rectifier IR2175S Datasheet HTML 2Page - International Rectifier IR2175S Datasheet HTML 3Page - International Rectifier IR2175S Datasheet HTML 4Page - International Rectifier IR2175S Datasheet HTML 5Page - International Rectifier IR2175S Datasheet HTML 6Page - International Rectifier IR2175S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet No. PD60208 Rev. E
IR2175(S) & (PbF)
Block Diagram
Packages
Product Summary
VOFFSET
600Vmax
IQBS
2mA
Vin
+/-260mVmax
Gain temp.drift
20ppm/
oC (typ.)
fo
130kHz (typ.)
Overcurrent trip
2
µsec (typ)
signal delay
Overcurrent trip level
+/-260mV (typ.)
LINEAR CURRENT SENSING IC
8 Lead PDIP
IR2175
8 Lead SOIC
IR2175S
Features
• Floating channel up to +600V
• Monolithic integration
• Linear current feedback through shunt resistor
• Direct digital PWM output for easy interface
• Low IQBS allows the boot strap power supply
• Independent fast overcurrent trip signal
• High common mode noise immunity
• Input overvoltage protection for IGBT short circuit
condition
• Open Drain outputs
• Also available LEAD-FREE
Description
The IR2175 is a monolithic current sensing IC designed
for motor drive applications. It senses the motor phase
current through an external shunt resistor, converts from
analog to digital signal, and transfers the signal to the
low side. IR’s proprietary high voltage isolation tech-
nology is implemented to enable the high bandwidth
signal processing. The output format is discrete PWM
to eliminate need for the A/D input interface for the
IR2175. The dedicated overcurrent trip (OC) signal fa-
cilitates IGBT short circuit protection. The open-drain
outputs make easy for any interface from 3.3V to 15V. S
(Refer to Lead Assignments for cor-
rect pin configuration). This/These
diagram(s) show electrical connec-
tions only. Please refer to our Appli-
cation Notes and DesignTips for
proper circuit board layout.
VB
V+
VS
VCC
PO
COM
IR2175
GND
15V
To Motor Phase
PWM Output
Up to 600V
OC
Overcurrent


Similar Part No. - IR2175S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2175S IRF-IR2175S Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
IR2175S IRF-IR2175S Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
logo
Infineon Technologies A...
IR2175S INFINEON-IR2175S Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
logo
International Rectifier
IR2175SPBF IRF-IR2175SPBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
IR2175STRPBF IRF-IR2175STRPBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
More results

Similar Description - IR2175S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2171 IRF-IR2171 Datasheet
149Kb / 7P
LINEAR CURRENT SENSING IC
IR2172 IRF-IR2172 Datasheet
122Kb / 7P
LINEAR CURRENT SENSING IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
Isolated Linear Sensing IC
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
IR2175PBF IRF-IR2175PBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
IR2175STRPBF IRF-IR2175STRPBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
IR2172S IRF-IR2172S Datasheet
126Kb / 7P
LINEAR CURRENT SENSING IC
IR2175 IRF-IR2175_15 Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
logo
Infineon Technologies A...
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com