Electronic Components Datasheet Search
  English  ▼

X  

IXDD408SI Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDD408SI
Description  8 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD408SI Datasheet(HTML) 4 Page - IXYS Corporation

  IXDD408SI Datasheet HTML 1Page - IXYS Corporation IXDD408SI Datasheet HTML 2Page - IXYS Corporation IXDD408SI Datasheet HTML 3Page - IXYS Corporation IXDD408SI Datasheet HTML 4Page - IXYS Corporation IXDD408SI Datasheet HTML 5Page - IXYS Corporation IXDD408SI Datasheet HTML 6Page - IXYS Corporation IXDD408SI Datasheet HTML 7Page - IXYS Corporation IXDD408SI Datasheet HTML 8Page - IXYS Corporation IXDD408SI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
IXDD408PI/408SI//408YI/408CI
Fall Time vs. Load Capacitance
Load Capacitance (pF)
2k
4k
6k
8k
10k
0
10
20
30
40
50
60
70
80
90
18V
8V
10V
12V
14V 16V
RiseTime vs. Supply Voltage
Supply Voltage (V)
8
10121416
18
0
10
20
30
40
50
CL=10,000 pF
4700 pF
2200 pF
Fall Timevs. Supply Voltage
Supply Voltage (V)
8
1012141618
0
20
40
60
80
100
CL=10,000 pF
4700 pF
2200 pF
Max / Min Input vs. Junction Temperature
C
L=2500pF VCC = 18V
Temperature (oC)
-60
-40
-20
0
20
40
60
80
100
1.6
1.8
2.2
2.4
2.6
2.8
3.2
2.0
3.0
MaximumInput Low
MinimumInput High
RiseTime vs. LoadCapacitance
Load Capacitance (pF)
2k
4k
6k
8k
10k
0
10
20
30
40
50
18V
8V
10V
12V
14V
16V
RiseAndFall Times vs. JunctionTemperature
C
L = 2500pF, VCC = 18V
Temperature(°C)
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
tF
tR
Typical Performance Characteristics
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com