Electronic Components Datasheet Search
  English  ▼

X  

IXDD408SI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDD408SI
Description  8 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD408SI Datasheet(HTML) 1 Page - IXYS Corporation

  IXDD408SI Datasheet HTML 1Page - IXYS Corporation IXDD408SI Datasheet HTML 2Page - IXYS Corporation IXDD408SI Datasheet HTML 3Page - IXYS Corporation IXDD408SI Datasheet HTML 4Page - IXYS Corporation IXDD408SI Datasheet HTML 5Page - IXYS Corporation IXDD408SI Datasheet HTML 6Page - IXYS Corporation IXDD408SI Datasheet HTML 7Page - IXYS Corporation IXDD408SI Datasheet HTML 8Page - IXYS Corporation IXDD408SI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes.
• Latch Up Protected
• High Peak Output Current: 8A Peak
• Operates from 4.5V to 25V
• Ability to Disable Output under Faults
• High Capacitive Load
Drive Capability: 2500pF in <15ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
Applications
• Driving MOSFETs and IGBTs
• Limiting di/dt under Short Circuit
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Class D Switching Amplifiers
First Release
Copyright © IXYS CORPORATION 2001 Patent Pending
General Description
The IXDD408 is a high speed high current gate driver
specifically designed to drive the largest MOSFETs and
IGBTs to their minimum switching time and maximum
practical frequency limits. The IXDD480 can source and
sink 8A of peak current while producing voltage rise and
fall times of less than 30ns. The input of the driver is
compatible with TTL or CMOS and is fully immune to
latch up over the entire operating range. Designed with
small internal delays, cross conduction/current shoot-
through is virtually eliminated in the IXDD408. Its features
and wide safety margin in operating voltage and power
make the IXDD408 unmatched in performance and value.
The IXDD408 incorporates a unique ability to disable the
output under fault conditions. When a logical low is
forced into the Enable input, both final output stage
MOSFETs (NMOS and PMOS) are turned off. As a
result, the output of the IXDD408 enters a tristate mode
and achieves a Soft Turn-Off of the MOSFET/IGBT when
a short circuit is detected. This helps prevent damage
that could occur to the MOSFET/IGBT if it were to be
switched off abruptly due to a dv/dt over-voltage tran-
sient.
The IXDD408 is available in the standard 8-pin P-DIP (PI),
SOP-8 (SI), 5-pin TO-220 (CI) and in the TO-263 (YI)
surface-mount package.
Figure 1 - Functional Diagram
IXDD408PI / 408SI / 408YI / 408CI
8 Amp Low-Side Ultrafast MOSFET Driver


Similar Part No. - IXDD408SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD408SI IXYS-IXDD408SI Datasheet
276Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
More results

Similar Description - IXDD408SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD409PI IXYS-IXDD409PI Datasheet
259Kb / 10P
9 Amp Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
DEIC420 IXYS-DEIC420 Datasheet
156Kb / 7P
20 Ampere Low-Side Ultrafast RF MOSFET Driver
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
DEIC515 IXYS-DEIC515 Datasheet
188Kb / 9P
15 Ampere Low-Side Ultrafast RF MOSFET Driver
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDN430MCI IXYS-IXDN430MCI Datasheet
619Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com