Electronic Components Datasheet Search
  English  ▼

X  

PA.12 Datasheet(PDF) 6 Page - Taoglas antenna solutions

Part # PA.12
Description  RoHS Compliant
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.12 Datasheet(HTML) 6 Page - Taoglas antenna solutions

Back Button PA.12 Datasheet HTML 2Page - Taoglas antenna solutions PA.12 Datasheet HTML 3Page - Taoglas antenna solutions PA.12 Datasheet HTML 4Page - Taoglas antenna solutions PA.12 Datasheet HTML 5Page - Taoglas antenna solutions PA.12 Datasheet HTML 6Page - Taoglas antenna solutions PA.12 Datasheet HTML 7Page - Taoglas antenna solutions PA.12 Datasheet HTML 8Page - Taoglas antenna solutions PA.12 Datasheet HTML 9Page - Taoglas antenna solutions PA.12 Datasheet HTML 10Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SPE-11-8-092/C Page 6 of 21
5. Summary of Test Results
5.1 Gain & Efficiency
Frequency (GHz)
Peak
Gain(dBi)
Efficiency (%)
1
2.400
2.78
80.64
2
2.442
31.2
85.65
3
2.450
3.27
86.50
4
2.4835
2.76
75.91
5
2.500
2.34
68.07
5.2 Power Average Gain
Frequency (GHz)
Plane
Average Gain (dBi)
1
2.400
XY plane
YZ plane
XZ plane
-1.622
-1.324
-0.561
2
2.442
XY plane
YZ plane
XZ plane
-2.464
-0.859
-0.312
3
2.450
XY plane
YZ plane
XZ plane
-1.424
-0.950
-0.224
4
2.4835
XY plane
YZ plane
XZ plane
-2.949
-1.548
-0.784
5
2.500
XY plane
YZ plane
XZ plane
-2.444
-2.084
-1.258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com